Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2360FV Datasheet(PDF) 8 Page - Rohm

Part # BU2360FV
Description  Clock Generator for Audio/Video Equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV Datasheet(HTML) 8 Page - Rohm

Back Button BU2360FV_15 Datasheet HTML 4Page - Rohm BU2360FV_15 Datasheet HTML 5Page - Rohm BU2360FV_15 Datasheet HTML 6Page - Rohm BU2360FV_15 Datasheet HTML 7Page - Rohm BU2360FV_15 Datasheet HTML 8Page - Rohm BU2360FV_15 Datasheet HTML 9Page - Rohm BU2360FV_15 Datasheet HTML 10Page - Rohm BU2360FV_15 Datasheet HTML 11Page - Rohm BU2360FV_15 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BU2360FV
8/18
TSZ02201-0E3E0J500670-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curves - continued
Figure 15. 22.6MHz Spectrum
VDD=3.3V, at CL=15pF
10kHz/div
RBW=1kHz
VBW=100Hz
Figure 16. 24.6MHz LT Jitter
VDD=3.3V, at CL=15pF
1.0nsec/div
LT Jitter 2.3nsec
Figure 14. 22.6MHz Period-Jitter
VDD=3.3V, at CL=15pF
500psec/div
Figure 13. 22.6MHz Output Waveform
VDD=3.3V, at CL=15pF
5.0nsec/div


Similar Part No. - BU2360FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
More results

Similar Description - BU2360FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com