Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D30FCWFFJ-E2 Datasheet(PDF) 3 Page - Rohm

Part # D30FCWFFJ-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

D30FCWFFJ-E2 Datasheet(HTML) 3 Page - Rohm

  D30FCWFFJ-E2 Datasheet HTML 1Page - Rohm D30FCWFFJ-E2 Datasheet HTML 2Page - Rohm D30FCWFFJ-E2 Datasheet HTML 3Page - Rohm D30FCWFFJ-E2 Datasheet HTML 4Page - Rohm D30FCWFFJ-E2 Datasheet HTML 5Page - Rohm D30FCWFFJ-E2 Datasheet HTML 6Page - Rohm D30FCWFFJ-E2 Datasheet HTML 7Page - Rohm D30FCWFFJ-E2 Datasheet HTML 8Page - Rohm D30FCWFFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Datasheet
Datasheet
3/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Pin Configuration/Pin Description
With Shutdown SW (HTSOP-J8)〉
Figure 4. Pin Configuration (With Shutdown SW)
Pin No.
Pin name
Pin Function
1
Vo
Output pin
2
FB
/ N.C. (Note 1)
Feedback pin (Variable Output Type)
No Connection (Fixed Output Type)
3
GND
GND pin
4
N.C. (Note 1)
No Connection (Connect to GND or leave OPEN)
5
EN
Enable pin
6
N.C. (Note 1)
No Connection (Connect to GND or leave OPEN)
7
N.C. (Note 1)
No Connection (Connect to GND or leave OPEN)
8
VCC
Power supply pin
Exposed
PAD
GND
Substrate(Connect to GND)
(Note 1) N.C. Pin can be open, because it is not connected to the IC.
Without Shutdown SW (TO252-3)〉
Figure 5. Pin Description (Without Shutdown SW)
Pin No.
Pin Name
Pin Function
1
Vcc
Power Supply Pin
2
N.C. (Note 1)
No Connection (leave OPEN)
3
Vo
Output Pin
FIN
GND
GND
(Note 1) N.C.Pin can be open since it is not connected inside of IC.
FB/N.C.
N.C
8
7
6
5
1
2
3
4
Vo
GND
EN
N.C
N.C
Vcc
2
HTSOP-J8
(TOP VIEW)
13
TO252-3
(TOP VIEW)


Similar Part No. - D30FCWFFJ-E2

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D30FD60K SHINDENGEN-D30FD60K Datasheet
165Kb / 4P
   Fast Recovery Diode
D30FDC10ST SHINDENGEN-D30FDC10ST Datasheet
163Kb / 4P
   Schottky Barrier Diode
D30FDC15ST SHINDENGEN-D30FDC15ST Datasheet
174Kb / 4P
   Schottky Barrier Diode
D30FDC4S SHINDENGEN-D30FDC4S Datasheet
161Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - D30FCWFFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com