Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DJ0FCWFFJ-E2 Datasheet(PDF) 10 Page - Rohm

Part # DJ0FCWFFJ-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DJ0FCWFFJ-E2 Datasheet(HTML) 10 Page - Rohm

Back Button DJ0FCWFFJ-E2 Datasheet HTML 6Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 7Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 8Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 9Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 10Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 11Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 12Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 13Page - Rohm DJ0FCWFFJ-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Datasheet
Datasheet
10/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Reference Data
BD00FC0 series (5.0V Output Setting)
Unless otherwise specified, Ta=25°C, Vcc=13.5V, VEN=5.0V, IO=0mA, VO=5.0V
(The resistor between FB and Vo =56.7kΩ, FB and GND =10kΩ)
0
3
6
9
12
15
18
0 2 4 6 8 10 1214 161820 2224 26
Supply Voltage:Vcc [V]
0.0
0.2
0.4
0.6
0.8
1.0
0246
8 10 12 14 16 18 20 22 24 26
Supply Voltage:Vcc [V]
Figure 12. Circuit Current
(IFEEDBACK_R≒75µA)
Figure 13. Shutdown Current
Figure 14. Line Regulation
(IO=0mA)
Figure 15. Line Regulation
(IO=500mA)
0
1
2
3
4
5
6
02468 10 12 14 16 18 20 22 24 26
Supply Voltage:Vcc [V]
0
1
2
3
4
5
6
0 2 4 6 8 10 1214161820 2224 26
Supply Voltage:Vcc [V]


Similar Part No. - DJ0FCWFFJ-E2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DJ003 ADAM-TECH-DJ003 Datasheet
129Kb / 1P
   CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJ003.5 ADAM-TECH-DJ003.5 Datasheet
129Kb / 1P
   CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJ003S ADAM-TECH-DJ003S Datasheet
129Kb / 1P
   CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJ003S.5 ADAM-TECH-DJ003S.5 Datasheet
129Kb / 1P
   CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJ004 ADAM-TECH-DJ004 Datasheet
129Kb / 1P
   CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
More results

Similar Description - DJ0FCWFFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com