Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5346G-2CTR Datasheet(PDF) 4 Page - Rohm

Part # BD5346G-2CTR
Description  Free Time Delay Setting CMOS Voltage Detector (Reset) IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5346G-2CTR Datasheet(HTML) 4 Page - Rohm

  BD5346G-2CTR Datasheet HTML 1Page - Rohm BD5346G-2CTR Datasheet HTML 2Page - Rohm BD5346G-2CTR Datasheet HTML 3Page - Rohm BD5346G-2CTR Datasheet HTML 4Page - Rohm BD5346G-2CTR Datasheet HTML 5Page - Rohm BD5346G-2CTR Datasheet HTML 6Page - Rohm BD5346G-2CTR Datasheet HTML 7Page - Rohm BD5346G-2CTR Datasheet HTML 8Page - Rohm BD5346G-2CTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/20
BD52xx-2C Series
BD53xx-2C Series
TSZ02201-0R7R0G300200-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.Apr.2016 Rev.001
www.rohm.com
TSZ22111・15・001
Electrical Characteristics (Unless otherwise specified Ta=-40°C to +125°C, VDD=0.8V to 6V)
Parameter
Symbol
Condition
Limit
Unit
Min
Typ
Max
Detection Voltage
VDET
VDET=0.9V to 1.6V, VDD=HL, RL=100kΩ
VDET(T)
×0.97
-0.012
VDET(T)
VDET(T)
×1.03
+0.012
V
VDET=1.7V to 5.0V, VDD=HL, RL=100kΩ
VDET (T)
×0.97
VDET(T)
VDET(T)
×1.03
Hysteresis Voltage
∆VDET VDD=LHL, RL=100kΩ
VDET
×0.03
VDET
×0.05
VDET
×0.07
V
Circuit Current when ON
IDD1
VDD= VDET-0.2V
-
0.23
1.50
µA
Circuit Current when OFF
IDD2
VDD= VDET+0.5V
-
0.27
1.60
µA
Operating Voltage Range
VOPL
VOL≤0.4V, Ta=-40°C to 125°C, RL=100kΩ
0.80
-
-
V
“Low” Output Voltage (Nch)
VOL
VDD=0.8V, ISINK = 0.17mA, VDET=0.9V to 1.6V
-
-
0.4
V
VDD=1.2V, ISINK = 1.0mA, VDET=1.7V to 5.0V
-
-
0.4
VDD=2.4V, ISINK = 2.0mA, VDET=2.7V to 5.0V
-
-
0.4
“High” Output Voltage (Pch)
VOH
VDD=4.8V, ISOURCE=2.0mA,
VDET(0.9V to 4.2V)
VDD-0.4
-
-
V
VDD=6.0V, ISOURCE=2.5mA,
VDET(0.9V to 5.0V)
VDD-0.4
-
-
Output Leak Current (BD52xx)
ILEAK
VDD= VDS=6V
-
-
1.0
µA
Delay Time (L H)
tPLH
VOUT=GND→50%, CT=0.01μF
Note 1 Note 2
27.7
55.5
83.2
ms
VDET(T) : Standard Detection Voltage(0.9V to 5.0V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.
Note 1
tPLH : VDD=(VDET(T)–0.1V) → (VDET(T)+0.5V) for VDET=0.9V to 1.2V
tPLH : VDD=(VDET(T)–0.5V) → (VDET(T)+0.5V) for VDET=1.3V to 5.0V
Note 2
CT delay capacitor range: open to 4.7µF.


Similar Part No. - BD5346G-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5346G-TR ROHM-BD5346G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5346G-TR ROHM-BD5346G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5346G-TR ROHM-BD5346G-TR Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5346G-TR ROHM-BD5346G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5346G-TR ROHM-BD5346G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5346G-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXG-1 ROHM-BD52XXG-1 Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD521VNVX-2C ROHM-BD521VNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
25.Apr.2022 Rev.001
BD52XXNVX-2C ROHM-BD52XXNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
09.Sep.2021 Rev.003
BD52XX-2M ROHM-BD52XX-2M Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com