Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5606DMPX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5606DMPX
Description  Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5606DMPX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5606DMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FAN5606
PRODUCT SPECIFICATION
4
REV. 1.0.3 1/7/05
COIL DRIVER
DBB
START-UP
POWER GOOD
LINEAR REGULA TOR
OSC
REF
DAC
BG
V
IN
V
OUT
GND
B
A
CAT
IND
AMPLIFIER
Block Diagram
Circuit Description
When the input voltage is connected to VIN pin, the system is
turned on, the bandgap reference acquires its nominal volt-
age and the soft-start cycle begins. Once "power good" is
achieved (0.5mA in the diodes), the soft-start cycle stops and
the boost voltage increases to generate the desired current
selected by the input control pins.
The FAN5606 DC/DC converter automatically adjusts its
internal duty cycle to achieve high efficiency. If the output
external capacitor is shorted, the Schottky diode can be dam-
aged, therefore such a condition should be avoided.
LED Brightness Control
The inputs A and B can be digitally controlled LOW (GND)
and HIGH (VCC) signals. In analog mode, A input is con-
nected to an external stable voltage source via an external
resistor and B input is connected to ground. The current
flowing through the resistor is scaled by a factor of approxi-
mately 1000.
Digital Control
The FAN5606’s digital decoder allows selection of the fol-
lowing modes of operation: OFF, 5mA, 10mA, 20mA per
branch.
Analog Control with PWM
In analog control mode, the LED current can go up to 25mA.
Input A is used to control the LED currents. Input B should
be connected to GND (logic level "0"). An external resistor
(R) is connected from A to a stable voltage source (VEXTER-
NAL) to control the LED current, ILED. The ILED is given by
the formula or the graph below:
A
0101
B
0011
ILED
OFF
5mA
10mA
20mA
I
LED
V
External
V
Ref
R
-----------------------------------------

 Multiplication Ratio
×
=


Similar Part No. - FAN5606DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP13X FAIRCHILD-FAN5601MP13X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP18X FAIRCHILD-FAN5601MP18X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5606DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608 FAIRCHILD-FAN5608 Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com