Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37N869 Datasheet(PDF) 9 Page - SMSC Corporation

Part # FDC37N869
Description  5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N869 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button FDC37N869 Datasheet HTML 5Page - SMSC Corporation FDC37N869 Datasheet HTML 6Page - SMSC Corporation FDC37N869 Datasheet HTML 7Page - SMSC Corporation FDC37N869 Datasheet HTML 8Page - SMSC Corporation FDC37N869 Datasheet HTML 9Page - SMSC Corporation FDC37N869 Datasheet HTML 10Page - SMSC Corporation FDC37N869 Datasheet HTML 11Page - SMSC Corporation FDC37N869 Datasheet HTML 12Page - SMSC Corporation FDC37N869 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 147 page
background image
SMSC DS – FDC37N869
Page 9
Rev. 11/09/2000
PIN DESCRIPTION
BUFFER TYPE PER PIN
Table 1 - DESCRIPTION OF PIN FUNCTIONS
TQFP
PIN #
NAME
SYMBOL
BUFFER
MODE
6
DESCRIPTION
HOST PROCESSOR INTERFACE
46-49
51-54
Data Bus 0-
7
D0-D7
IO12
The data bus connection used by the host
microprocessor to transmit data to and from the
chip. These pins are in a high-impedance state
when not in the output mode.
42
nI/O Read
nIOR
IS
This active low signal is issued by the host
microprocessor
to
indicate
an
I/O
read
operation.
43
nI/O Write
nIOW
IS
This active low signal is issued by the host
microprocessor
to
indicate
an
I/O
write
operation.
44
Address
Enable
AEN
IS
Active high Address Enable indicates DMA
operations on the host data bus. Used internally
to qualify appropriate address decodes.
26-32
39-41,
95,35,
36,1,
3,25
Address
Bus
A0-A15
I
These host address bits determine the I/O
address to be accessed during nIOR and nIOW
cycles. These bits are latched internally by the
leading edge of nIOR and nIOW.
All internal
address decodes use the full A0 to A15 address
bits.
19,50,
97,17
DMA
Request
A, B, C, D
DRQ_A
DRQ_B
DRQ_C
DRQ_D
O12
These active high outputs are the DMA request
for byte transfers of data between the host and
the chip. These signals are cleared on the last
byte of the data transfer by the nDACK signal
going low (or by nIOR going low if nDACK was
already low as in demand mode).
20,34,
94,22
nDMA
Acknowl-
edge
A, B, C, D
nDACK_A
nDACK_B
nDACK_C
nDACK_D
IS
These are active low inputs acknowledging the
request for a DMA transfer of data between the
host and the chip. These inputs enable the DMA
read or write internally.
33
Terminal
Count
TC
IS
This signal indicates that DMA data transfer is
complete. TC is only accepted when nDACK_x
is low. In AT and PS/2 model 30 modes, TC is
active high and in PS/2 mode, TC is active low.
37
Serial IRQ
SIRQ
IO12
Serial IRQ pin used with the CLK33 pin to
transfer FDC37N869 interrupts to the host.
38
PCI Clock
CLK33
ICLK
33MHz PCI clock input, used with the SIRQ and
the
nCLKRUN
pins
to
serially
transfer
FDC37N869 interrupts to the host.
55
Reset
RESET_
DRV
IS
This active high signal resets the chip and must
be valid for 500ns minimum. The effect on the
internal registers is described in the appropriate
section.
The configuration registers are not
affected by this reset.
98
I/O Channel
Ready
(Note
4)
IOCHRDY
OD12
This pin is pulled low to extend the read/write
command. IOCHRDY can used by the IRCC and
by the Parallel Port in EPP mode.
FLOPPY DISK INTERFACE
14
nRead Disk
Data
nRDATA
IS
Raw serial bit stream from the disk drive, low
active.
Each falling edge represents a flux
transition of the encoded data.


Similar Part No. - FDC37N869

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N3869-MD SMSC-FDC37N3869-MD Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Agilent(Hewlett-Packard...
FDC37N769 HP-FDC37N769 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - FDC37N869

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37C957FR SMSC-37C957FR Datasheet
1Mb / 328P
   ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
   WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com