Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4142HFV-TR Datasheet(PDF) 10 Page - Rohm

Part # BD4142HFV-TR
Description  Free Delay Time Setting CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4142HFV-TR Datasheet(HTML) 10 Page - Rohm

Back Button BD4142HFV-TR Datasheet HTML 6Page - Rohm BD4142HFV-TR Datasheet HTML 7Page - Rohm BD4142HFV-TR Datasheet HTML 8Page - Rohm BD4142HFV-TR Datasheet HTML 9Page - Rohm BD4142HFV-TR Datasheet HTML 10Page - Rohm BD4142HFV-TR Datasheet HTML 11Page - Rohm BD4142HFV-TR Datasheet HTML 12Page - Rohm BD4142HFV-TR Datasheet HTML 13Page - Rohm BD4142HFV-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Datasheet
Datasheet
10/14
TSZ02201-0333AAZ00350-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
BD4142HFV
●Power Dissipation
HVSOF5
●I/O Equivalence Circuit
1. PGOOD
4. IN
5. DLY
PCB size:70mm×70mm×1.6mm
board:1 layer board(copper foil density : 2%)
0
25
50
75
100
125
150
0.4
1
0.67W
Ambient Temperature [℃]
0.2
0.6
0.8


Similar Part No. - BD4142HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4140HFV ROHM-BD4140HFV Datasheet
281Kb / 9P
   PGOOD IC for PC
BD4140HFV ROHM-BD4140HFV_09 Datasheet
281Kb / 9P
   PGOOD IC for PC
logo
Chenmko Enterprise Co. ...
BD4148APT CHENMKO-BD4148APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results

Similar Description - BD4142HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52XXG-1 ROHM-BD52XXG-1 Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD521VNVX-2C ROHM-BD521VNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
25.Apr.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com