Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP221FAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB100LVEP221FAG
Description  Differential HSTL/ECL/PECL Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP221FAG Datasheet(HTML) 3 Page - ON Semiconductor

  NB100LVEP221FAG Datasheet HTML 1Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 2Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 3Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 4Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 5Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 6Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 7Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 8Page - ON Semiconductor NB100LVEP221FAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB100LVEP221
www.onsemi.com
3
Figure 2. 52−Lead QFN Pinout (Top View)
VCC0
VCC0
Q6
VCC
CLK1
Q8
Q9
Q11
Q11
1
2
3
4
5
6
7
8
9
10
11
12
13
CLKSEL
CLK0
CLK0
VBB
CLK1
VEE
Q19
Q19
Q18
Q18
39
38
37
36
35
34
33
32
31
30
29
28
27
Q10
Q10
Q9
Q8
Q7
Q7
Q6
Exposed Pad (EP)
NB100LVEP221
VBB
0
1
CLK0
CLK0
CLK1
CLK1
CLK_SEL
Active Input
CLK0, CLK0
CLK1, CLK1
CLK_SEL
L
H
Table 1. PIN DESCRIPTION
FUNCTION
ECL/PECL Differential Inputs
ECL/PECL or HSTL Differential Inputs
ECL/PECL Differential Outputs
ECL/PECL Active Clock Select Input
Reference Voltage Output
Positive Supply
Negative Supply
PIN
CLK0*, CLK0**
Figure 3. Logic Diagram
* Pins will default LOW when left open.
** Pins will default HIGH when left open.
*** The thermally conductive exposed pad on the bottom of the
package is electrically connected to VEE internally.
VEE
VCC
Q0 − Q19
Q0 − Q19
20
20
CLK1*, CLK1**
VEE***
Q0:19, Q0:19
CLK_SEL*
VBB
VCC/VCCO
Table 2. FUNCTION TABLE


Similar Part No. - NB100LVEP221FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221FAG ONSEMI-NB100LVEP221FAG Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
More results

Similar Description - NB100LVEP221FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
logo
Semtech Corporation
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com