Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB2305AI1DR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB2305AI1DR2G
Description  3.3 V Zero Delay Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2305AI1DR2G Datasheet(HTML) 6 Page - ON Semiconductor

  NB2305AI1DR2G Datasheet HTML 1Page - ON Semiconductor NB2305AI1DR2G Datasheet HTML 2Page - ON Semiconductor NB2305AI1DR2G Datasheet HTML 3Page - ON Semiconductor NB2305AI1DR2G Datasheet HTML 4Page - ON Semiconductor NB2305AI1DR2G Datasheet HTML 5Page - ON Semiconductor NB2305AI1DR2G Datasheet HTML 6Page - ON Semiconductor NB2305AI1DR2G Datasheet HTML 7Page - ON Semiconductor NB2305AI1DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NB2305A
www.onsemi.com
6
TEST CIRCUITS
VDD
VDD
CLOAD
GND
GND
OUTPUTS
Figure 8. Test Circuit #1
10 pF
0.1
mF
0.1
mF
VDD
VDD
GND
GND
OUTPUTS
0.1
mF
0.1
mF
1 k
W
1 k
W
Figure 9. Test Circuit #2
For parameter t8 (output slew rate) on −1H devices
VDD
CLKOUT
ORDERING INFORMATION
Device
Marking
Operating Range
Package
Shipping
Availability
NB2305AI1DG
5I1
Industrial &
Commercial
SOIC−8
(Pb−Free)
98 Units / Rail
Now
NB2305AI1DR2G
5I1
Industrial &
Commercial
SOIC−8
(Pb−Free)
2500 Tape & Reel
Now
NB2305AI1HDG
5I1H
Industrial &
Commercial
SOIC−8
(Pb−Free)
98 Units / Rail
Now
NB2305AI1HDR2G
5I1H
Industrial &
Commercial
SOIC−8
(Pb−Free)
2500 Tape & Reel
Now
NB2305AI1DTG
5I1
Industrial &
Commercial
TSSOP−8
(Pb−Free)
100 Units / Rail
Now
NB2305AI1DTR2G
5I1
Industrial &
Commercial
TSSOP−8
(Pb−Free)
2500 Tape & Reel
Now
NB2305AI1HDTG
5IH
Industrial &
Commercial
TSSOP−8
(Pb−Free)
100 Units / Rail
Now
NB2305AI1HDTR2G
5IH
Industrial &
Commercial
TSSOP−8
(Pb−Free)
2500 Tape & Reel
Now
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NB2305AI1DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305AI1DR2G ONSEMI-NB2305AI1DR2G Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results

Similar Description - NB2305AI1DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com