Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP222MNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB100LVEP222MNR2G
Description  Differential ECL/PECL Clock Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP222MNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NB100LVEP222MNR2G Datasheet HTML 1Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 2Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 3Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 4Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 5Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 6Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 7Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 8Page - ON Semiconductor NB100LVEP222MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NB100LVEP222
www.onsemi.com
3
Figure 2. QFN−52 Pinout (Top View)
VCC
VCC0
Qc0
MR
CLK_SEL
Qc2
Qc3
1
2
3
4
5
6
7
8
9
10
11
12
13
fsela
fselb
CLK0
CLK0
VBB
fselc
fseld
VEE
39
38
37
36
35
34
33
32
31
30
29
28
27
NC
VCC0
Qc3
Qc2
Qc1
Qc1
Qc0
Exposed Pad (EP)
NB100LVEP222
NC
VCC0
CLK1
CLK1
Table 1. PIN DESCRIPTION
FUNCTION
ECL Differential Input Clock
ECL Differential Input Clock
ECL Clock Select
ECL Master Reset
ECL Differential Outputs
ECL Differential Outputs
ECL Differential Outputs
ECL Differential Outputs
ECL
1 or 2 Select
Reference Voltage Output
Positive Supply, VCC = VCC0
Negative Supply
No Connect
PIN
CLK0*, CLK0**
CLK1*, CLK1**
CLK_Sel*
MR*
Qa0:1, Qa0:1
Qb0:2, Qb0:2
Qc0:3, Qc0:3
Qd0:5, Qd0:5
fseln*
VBB
VCC, VCC0
VEE***
NC
* Pins will default LOW when left open.
** Pins will default HIGH when left open.
*** The thermally conductive exposed pad on the bottom of the package is
electrically connected to VEE internally.
Table 2. FUNCTION TABLE
Input
Function
Active
CLK0
÷1
MR
CLK_Sel
fseln
LH
Reset
CLK1
÷2


Similar Part No. - NB100LVEP222MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
NB100LVEP222FA ONSEMI-NB100LVEP222FA Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
NB100LVEP222FAG ONSEMI-NB100LVEP222FAG Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
NB100LVEP222FAR2 ONSEMI-NB100LVEP222FAR2 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
NB100LVEP222FARG ONSEMI-NB100LVEP222FARG Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
More results

Similar Description - NB100LVEP222MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
List of Unclassifed Man...
AZ100LVE310 ETC1-AZ100LVE310 Datasheet
146Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
logo
Arizona Microtek, Inc
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ100LVE310 AZM-AZ100LVE310 Datasheet
71Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com