Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBC12439 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NBC12439
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NBC12439_09 Datasheet HTML 6Page - ON Semiconductor NBC12439_09 Datasheet HTML 7Page - ON Semiconductor NBC12439_09 Datasheet HTML 8Page - ON Semiconductor NBC12439_09 Datasheet HTML 9Page - ON Semiconductor NBC12439_09 Datasheet HTML 10Page - ON Semiconductor NBC12439_09 Datasheet HTML 11Page - ON Semiconductor NBC12439_09 Datasheet HTML 12Page - ON Semiconductor NBC12439_09 Datasheet HTML 13Page - ON Semiconductor NBC12439_09 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NBC12439, NBC12439A
http://onsemi.com
10
Table 11. Frequency Operating Range
VCO Frequency (MHz) Range for a Crystal Frequency (MHz) of:
Output Frequency (MHz) for
fXTAL = 16 MHz and for N =
M
M[6:0]
10
12
14
16
18
20
B1
B2
B4
B8
20
0010100
400
21
0010101
420
22
0010110
440
23
0010111
414
460
24
0011000
432
480
25
0011001
400
450
500
400
200
100
50
26
0011010
416
468
520
416
208
104
52
27
0011011
432
486
540
432
216
108
54
28
0011100
448
504
560
448
224
112
56
29
0011101
406
464
522
580
464
232
116
58
30
0011110
420
480
540
600
480
240
120
60
31
0011111
434
496
558
620
496
248
124
62
32
0100000
448
512
576
640
512
256
128
64
33
0100001
462
528
594
660
528
264
132
66
34
0100010
408
476
544
612
680
544
272
136
68
35
0100011
420
490
560
630
700
560
280
140
70
36
0100100
432
504
576
648
720
576
288
144
72
37
0100101
444
518
592
666
740
592
296
148
74
38
0100110
456
532
608
684
760
608
304
152
76
39
0100111
468
546
624
702
780
624
312
156
78
40
0101000
400
480
560
640
720
800
640
320
160
80
41
0101001
410
492
574
656
738
656
328
164
82
42
0101010
420
504
588
672
756
672
336
168
84
43
0101011
430
516
602
688
774
688
344
172
86
44
0101100
440
528
616
704
792
704
352
176
88
45
0101101
450
540
630
720
720
360
180
90
46
0101110
460
552
644
736
736
368
184
92
47
0101111
470
564
658
752
752
376
188
94
48
0110000
480
576
672
768
768
384
192
96
49
0110001
490
588
686
784
784
392
196
98
50
0110010
500
600
700
800
800
400
200
100
51
0110011
510
612
714
52
0110100
520
624
728
53
0110101
530
636
742
54
0110110
540
648
756
55
0110111
550
660
770
56
0111000
560
672
784
57
0111001
570
684
798
58
0111010
580
696
59
0111011
590
708
60
0111100
600
720
61
0111101
610
732
62
0111110
620
744
63
0111111
630
756
64
1000000
640
768
65
1000001
650
780
66
1000010
660
792
67
1000011
670
68
1000100
680
69
1000101
690
70
1000110
700
71
1000111
710
72
1001000
720
73
1001001
730
74
1001010
740
75
1001011
750
76
1001100
760
77
1001101
770
78
1001110
780
79
1001111
790
80
1010000
800


Similar Part No. - NBC12439_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12439_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com