Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG72AMNG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NBSG72AMNG
Description  2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NBSG72AMNG Datasheet HTML 5Page - ON Semiconductor NBSG72AMNG Datasheet HTML 6Page - ON Semiconductor NBSG72AMNG Datasheet HTML 7Page - ON Semiconductor NBSG72AMNG Datasheet HTML 8Page - ON Semiconductor NBSG72AMNG Datasheet HTML 9Page - ON Semiconductor NBSG72AMNG Datasheet HTML 10Page - ON Semiconductor NBSG72AMNG Datasheet HTML 11Page - ON Semiconductor NBSG72AMNG Datasheet HTML 12Page - ON Semiconductor NBSG72AMNG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NBSG72A
http://onsemi.com
9
Table 10. AC CHARACTERISTICS
(VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V) (Note 24)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP
Output Voltage Amplitude
fin < 5 GHz
fin v 7 GHz
400
200
590
250
450
180
590
250
440
130
590
250
mV
tPLH
Propagation Delay to Output Differential
D0, D1
→ Q0, Q1
SELA, SELB
→ Q0, Q1
170
190
205
265
255
350
170
190
205
265
255
350
170
190
210
265
260
350
ps
tPHL
Propagation Delay to Output Differential
D0, D1
→ Q0, Q1
SELA, SELB
→ Q0, Q1
170
150
205
215
255
270
170
150
205
215
255
270
170
150
210
215
260
270
ps
tSKEW
Duty Cycle Skew (Note 25)
Within-Device Skew
Device-to-Device Skew
5.0
5.0
15
25
25
50
5.0
5.0
15
25
25
50
5.0
5.0
15
25
25
50
ps
tJITTER
RMS Random Clock Jitter (Note 26)
v 1 GHz
OLS = VCC
v 5 GHz
OLS = VCC
v 6.5 GHz
OLS = VCC
v 1 GHz
OLS = VCC − 400 mV
v 5 GHz
OLS = VCC − 400 mV
v 6.5 GHz
OLS = VCC − 400 mV
v 1 GHz
OLS = VCC − 800 mV
v 5 GHz
OLS = VCC − 800 mV
v 6.5 GHz
OLS = VCC − 800 mV
v 1 GHz
OLS = VEE
v 5 GHz
OLS = VEE
v 6.5 GHz
OLS = VEE
Peak-to-Peak Data Dependent Jitter
(Note 27)
fin v 7 Gb/s
0.16
0.14
0.21
0.23
0.18
0.2
0.17
0.14
0.2
0.18
0.16
0.18
12
0.3
0.4
0.5
0.4
0.5
0.5
0.3
0.4
0.5
0.3
0.6
0.5
18
0.17
0.16
0.31
0.23
0.19
0.25
0.18
0.16
0.27
0.19
0.17
0.24
12
0.3
0.4
0.7
0.4
0.5
0.6
0.3
0.3
0.7
0.3
0.4
0.6
18
0.18
0.19
0.44
0.25
0.23
0.32
0.19
0.2
0.38
0.2
0.2
0.34
12
0.4
0.4
0.9
0.4
0.5
0.7
0.3
0.3
0.9
0.3
0.4
0.8
18
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 28)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times
(Q0, Q1)
(20% − 80%)
tr
@ 1 GHz
tf
40
30
55
45
70
55
40
30
55
45
70
55
40
30
55
45
70
55
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
24. Measured using a 75 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V. OLS = FLOAT. Input edge rates 40 ps
(20% − 80%).
25. tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform.
26. Additive RMS jitter with 50% Duty Cycle clock signal.
27. Additive Peak-to-Peak data dependent jitter with NRZ PRBS 231−1 data at 7 Gb/s.
28. Input Voltage Swing is a single-ended measurement operating in differential mode. VINPP (max) cannot exceed VCC − VEE.


Similar Part No. - NBSG72AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNG ONSEMI-NBSG72AMNG Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72AMNG ONSEMI-NBSG72AMNG Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
More results

Similar Description - NBSG72AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
logo
Analog Devices
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com