Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG86AMNR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NBSG86AMNR2G
Description  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86AMNR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NBSG86AMNR2G Datasheet HTML 1Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 2Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 3Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 4Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 5Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 6Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 7Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 8Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NBSG86A
http://onsemi.com
5
Table 7. Interfacing Options
INTERFACING OPTIONS
CONNECTIONS
CML
Connect VTD0, VTD1, VTSEL and VTD0, VTD1 to VCC
LVDS
Connect VTD0, VTD1, VTD0 and VTD1 together. Leave VTSEL open.
AC−COUPLED
Bias VTD0, VTD1, VTSEL and VTD0, VTD1 Inputs within (VIHCMR) Common Mode Range
RSECL, PECL, NECL
Standard ECL Termination Techniques
LVTTL, LVCMOS
An external voltage should be applied to the unused complementary differential input.
Nominal voltage 1.5 V for LVTTL and VCC/2 for LVCMOS inputs.
Table 8. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistors
(R1)
75 k
W
Internal Input Pullup Resistor
(R2)
37.5 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1 KV
> 50 V
> 4 KV
Moisture Sensitivity (Note 6)
Pb−Free
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
6. For additional information, see Application Note AND8003/D.
Table 9. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
3.6
−3.6
V
V
VINPP
Differential Input Voltage |Dn − Dn|, |SEL − SEL|
VCC − VEE w 2.8 V
VCC − VEE < 2.8 V
2.8
|VCC − VEE|
V
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
Iout
Output Current
Continuous
Surge
25
50
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 7)
0 lfpm
500 lfpm
41.6
35.2
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 7)
4.0
°C/W
Tsol
Wave Solder
Pb−Free
< 3 sec @ 260
°C
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
7. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Similar Part No. - NBSG86AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG86AMNR2G ONSEMI-NBSG86AMNR2G Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86AMNR2G ONSEMI-NBSG86AMNR2G Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
More results

Similar Description - NBSG86AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com