Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBC12430FNR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NBC12430FNR2
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12430FNR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NBC12430FNR2 Datasheet HTML 4Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 5Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 6Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 7Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 8Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 9Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 10Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 11Page - ON Semiconductor NBC12430FNR2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NBC12430, NBC12430A
http://onsemi.com
8
FUNCTIONAL DESCRIPTION
The internal oscillator uses the external quartz crystal as
the basis of its frequency reference. The output of the
reference oscillator is divided by 16 before being sent to the
phase detector. With a 16 MHz crystal, this provides a
reference frequency of 1 MHz. Although this data sheet
illustrates functionality only for a 16 MHz crystal, Table 9,
any crystal in the 10−20 MHz range can be used, Table 11.
The VCO within the PLL operates over a range of 400 to
800 MHz. Its output is scaled by a divider that is configured
by either the serial or parallel interfaces. The output of this
loop divider is also applied to the phase detector.
The phase detector and the loop filter force the VCO
output frequency to be M times the reference frequency by
adjusting the VCO control voltage. Note that for some
values of M (either too high or too low), the PLL will not
achieve loop lock.
The output of the VCO is also passed through an output
divider before being sent to the PECL output driver. This
output divider (N divider) is configured through either the
serial or the parallel interfaces and can provide one of four
division ratios (1, 2, 4, or 8). This divider extends the
performance of the part while providing a 50% duty cycle.
The output driver is driven differentially from the output
divider and is capable of driving a pair of transmission lines
terminated into 50
W to VCC−2.0 V. The positive reference
for the output driver and the internal logic is separated from
the power supply for the phase−locked loop to minimize
noise induced jitter.
The configuration logic has two sections: serial and
parallel. The parallel interface uses the values at the M[8:0]
and N[1:0] inputs to configure the internal counters.
Normally upon system reset, the P_LOAD input is held
LOW until sometime after power becomes valid. On the
LOW−to−HIGHtransition of P_LOAD, the parallel inputs
are captured. The parallel interface has priority over the
serial interface. Internal pullup resistors are provided on the
M[8:0] and N[1:0] inputs to reduce component count in the
application of the chip.
The serial interface logic is implemented with a fourteen
bit shift register scheme. The register shifts once per rising
edge of the S_CLOCK input. The serial input S_DATA must
meet setup and hold timing as specified in the AC
Characteristics section of this document. With P_LOAD
held high, the configuration latches will capture the value of
the shift register on the HIGH−to−LOW edge of the
S_LOAD input. See the programming section for more
information.
The TEST output reflects various internal node values and
is controlled by the T[2:0] bits in the serial data stream. See
the programming section for more information.
Table 9. Programming VCO Frequency Function Table with 16 MHz Crystal.
VCO
Frequency
(MHz)
MCount
Divisor
256
128
64
32
16
8
4
2
1
M8
M7
M6
M5
M4
M3
M2
M1
M0
400
200
0
1
1
0
0
1
0
0
0
402
201
0
1
1
0
0
1
0
0
1
404
202
0
1
1
0
0
1
0
1
0
406
203
0
1
1
0
0
1
0
1
1
794
397
1
1
0
0
0
1
1
0
1
796
398
1
1
0
0
0
1
1
1
0
798
399
1
1
0
0
0
1
1
1
1
800
400
1
1
0
0
1
0
0
0
0


Similar Part No. - NBC12430FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430FNR2 ONSEMI-NBC12430FNR2 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430FNR2 ONSEMI-NBC12430FNR2 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12430FNR2G ONSEMI-NBC12430FNR2G Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
More results

Similar Description - NBC12430FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com