Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV7714DQR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7714DQR2G
Description  Mirror-Module Driver-IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7714DQR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7714DQR2G Datasheet HTML 2Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 3Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 4Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 5Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 6Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 7Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 8Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 9Page - ON Semiconductor NCV7714DQR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
NCV7704, NCV7714
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS 4.5 V < Vcc < 5.25 V, 8 V < Vs < 18 V, −40
°C < Tj < 150°C; unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY
Vs
Supply voltage
Functional (see Vuv_vs / Vov_vs)
Parameter specification
5.5
8
28
18
V
Is(standby)
Supply Current (VS), Standby
mode
Standby mode,
VS = 16 V, 0 V
v VCC v 5.25 V,
CSB = VCC, OUTx/ECx = floating,
SI = SCLK = 0 V, Tj < 85
°C
(Tj = 150
°C)
3.5
(6.5)
12
(25)
mA
Is(active)
Supply current (VS), Active mode
Active mode, VS = 16 V,
OUTx/ECx = floating
7.5
20
mA
Icc(standby)
Supply Current (VCC), Standby
mode
Standby mode,
VCC = 5.25 V,
SI = SCLK = 0 V, Tj < 85
°C
(Tj = 150
°C)
4.5
(11.5)
6
(50)
mA
Icc(active)
Supply current (VCC), Active mode Active mode, VS = 16 V,
OUTx/ECx = floating
5.5
8.4
mA
I(standby)
Total Standby mode supply current
(Is + Icc)
Standby mode,
VS = 16 V, Tj < 85
°C,
CSB = VCC, OUTx/ECx = floating
8
18
mA
OVERVOLTAGE AND UNDERVOLTAGE DETECTION
Vuv_vs(on)
VS Undervoltage detection
VS increasing
5.6
6.2
V
Vuv_vs(off)
VS decreasing
5.2
5.8
V
Vuv_vs(hys)
VS Undervoltage hysteresis
Vuv_vs(on) − Vuv_vs(off)
0.65
V
Vov_vs(off)
VS Overvoltage detection
VS increasing
20
24.5
V
Vov_vs(on)
VS decreasing
19
23.5
V
Vov_vs(hys)
VS Overvoltage hysteresis
Vov_vs(off) − Vov_vs(on)
2
V
Vuv_vcc(off)
VCC Undervoltage detection
VCC increasing
2.9
V
Vuv_vcc(on)
VCC decreasing
2
V
Vuv_vcc(hys)
VCC Undervoltage hysteresis
Vuv_vcc(off) − Vuv_vcc(on)
0.11
V
td_uv
VS Undervoltage filter time
Time to set the power supply fail bit
UOV_OC in the Global Status Byte
6
13
ms
td_ov
VS Overvoltage filter time
Time to set the power supply fail bit
UOV_OC in the Global Status Byte
50
100
ms
CHARGE PUMP OUTPUT CHP
Vchp8
Chargepump Output Voltage
Vs = 8 V, Ichp = −60
mA
Vs + 6
Vs + 9.5
Vs + 13
V
Vchp10
Chargepump Output Voltage
Vs = 10 V, Ichp = −80
mA
Vs + 8
Vs + 11
Vs + 13
V
Vchp12
Chargepump Output Voltage
VS > 12 V, Ichp = −100
mA
Vs + 9.5
Vs + 11
Vs + 13
V
Ichp
Chargepump Output current
VS = 13.5 V, Vchp = Vs + 10 V
−750
−95
mA


Similar Part No. - NCV7714DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710 ONSEMI-NCV7710 Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7710DQR2G ONSEMI-NCV7710DQR2G Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710DQR2G ONSEMI-NCV7710DQR2G Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
More results

Similar Description - NCV7714DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
   Mirror-Module Driver-IC
January, 2016 ??Rev. 0
logo
Sanyo Semicon Device
LB1872 SANYO-LB1872 Datasheet
167Kb / 11P
   Polygon Mirror Scanner Driver IC
logo
Infineon Technologies A...
TLE8203E INFINEON-TLE8203E Datasheet
672Kb / 33P
   Mirror Power IC
Rev. 1.0, February 2009
logo
Sanyo Semicon Device
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LB1875 SANYO-LB1875 Datasheet
207Kb / 17P
   Polygon Mirror Motor Predriver IC
logo
ON Semiconductor
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
   Door-Module Driver-IC
March, 2018 ??Rev. 4
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com