Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3P623S05BG.08TR Datasheet(PDF) 5 Page - ON Semiconductor

Part # P3P623S05BG.08TR
Description  Timing-Safe Peak EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P623S05BG.08TR Datasheet(HTML) 5 Page - ON Semiconductor

  P3P623S05BG.08TR Datasheet HTML 1Page - ON Semiconductor P3P623S05BG.08TR Datasheet HTML 2Page - ON Semiconductor P3P623S05BG.08TR Datasheet HTML 3Page - ON Semiconductor P3P623S05BG.08TR Datasheet HTML 4Page - ON Semiconductor P3P623S05BG.08TR Datasheet HTML 5Page - ON Semiconductor P3P623S05BG.08TR Datasheet HTML 6Page - ON Semiconductor P3P623S05BG.08TR Datasheet HTML 7Page - ON Semiconductor P3P623S05BG.08TR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
P3P623S05A/B, P3P623S09A/B
http://onsemi.com
5
Table 8. SWITCHING CHARACTERISTICS
Parameter
Description
Test Conditions
Min
Typ
Max
Units
Input Frequency
20
50
MHz
1/t1
Output Frequency
30 pF load
20
50
MHz
tD
Duty Cycle (Notes 3, 4) = (t2/t1) * 100
Measured at VDD/2
40
50
60
%
t3
Output Rise Time (Notes 3, 4)
Measured between 0.8 V and 2.0 V
2.5
nS
t4
Output Fall Time (Notes 3, 4)
Measured between 2.0 V and 0.8 V
2.5
nS
t5
Output−to−output skew (Notes 3, 4)
All outputs equally loaded
250
pS
t6
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge (Note 4)
Measured at VDD/2
±350
pS
t7
Device−to−Device Skew (Note 4)
Measured at VDD/2 on the
CLKOUT pins of the device
700
pS
tJ
Cycle−to−cycle jitter (Notes 3, 4)
Loaded outputs
±200
pS
tLOCK
PLL Lock Time (Note 4)
Stable power supply, valid clock
presented on CLKIN pin
1.0
mS
3. All parameters specified with 30 pF loaded outputs.
4. Parameter is guaranteed by design and characterization. Not tested in production.
Switching Waveforms
Figure 4. Duty Cycle Timing
t2
t1
VDD/2
VDD/2
VDD/2
OUTPUT
Figure 5. All Outputs Rise/Fall Time
t3
OUTPUT
t4
0.8V
2V
0.8V
2V
Figure 6. Output−Output Skew
t 5
OUTPUT
OUTPUT
VDD/2
VDD/2


Similar Part No. - P3P623S05BG.08TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P623S05BG-08TR ONSEMI-P3P623S05BG-08TR Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
P3P623S05BG-08TR ONSEMI-P3P623S05BG-08TR Datasheet
197Kb / 11P
   Peak EMI Reduction IC
July 2010 ??Rev. 1
More results

Similar Description - P3P623S05BG.08TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com