Electronic Components Datasheet Search |
|
NBC12429AFAR2G Datasheet(PDF) 8 Page - ON Semiconductor |
|
NBC12429AFAR2G Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 22 page NBC12429, NBC12429A http://onsemi.com 8 Table 8. AC CHARACTERISTICS (VCC = 3.125 V to 5.25 V; TA = 0°C to 70°C (NBC12429), TA = −40°C to 85°C (NBC12429A)) (Note 6) Symbol Unit Max Min Condition Characteristic ts Setup Time S_DATA to S_CLOCK S_CLOCK to S_LOAD M, N to P_LOAD 20 20 20 ns th Hold Time S_DATA to S_CLOCK M, N to P_LOAD 20 20 ns tpwMIN Minimum Pulse Width S_LOAD P_LOAD 50 50 ns DCO Output Duty Cycle 47.5 52.5 % tr, tf Output Rise/Fall FOUT 20%−80% 175 425 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. FOUT/FOUT outputs are terminated through a 50 W resistor to VCC − 2.0 V. 7. 10 MHz is the maximum frequency to load the feedback divide registers. S_CLOCK can be switched at higher frequencies when used as a test clock in TEST_MODE 6. FUNCTIONAL DESCRIPTION The internal oscillator uses the external quartz crystal as the basis of its frequency reference. The output of the reference oscillator is divided by 16 before being sent to the phase detector. With a 16 MHz crystal, this provides a reference frequency of 1 MHz. Although this data sheet illustrates functionality only for a 16 MHz crystal, Table 9, any crystal in the 10 MHz − 20 MHz range can be used, Table 11. The VCO within the PLL operates over a range of 200 to 400 MHz. Its output is scaled by a divider that is configured by either the serial or parallel interfaces. The output of this loop divider is also applied to the phase detector. The phase detector and the loop filter force the VCO output frequency to be M times the reference frequency by adjusting the VCO control voltage. Note that for some values of M (either too high or too low), the PLL will not achieve loop lock. The output of the VCO is also passed through an output divider before being sent to the PECL output driver. This output divider (N divider) is configured through either the serial or the parallel interfaces and can provide one of four division ratios (1, 2, 4, or 8). This divider extends the performance of the part while providing a 50% duty cycle. The output driver is driven differentially from the output divider and is capable of driving a pair of transmission lines terminated into 50 W to VCC − 2.0 V. The positive reference for the output driver and the internal logic is separated from the power supply for the PLL to minimize noise induced jitter. The configuration logic has two sections: serial and parallel. The parallel interface uses the values at the M[8:0] and N[1:0] inputs to configure the internal counters. Normally upon system reset, the P_LOAD input is held LOW until sometime after power becomes valid. On the LOW−to−HIGHtransition of P_LOAD, the parallel inputs are captured. The parallel interface has priority over the serial interface. Internal pullup resistors are provided on the M[8:0] and N[1:0] inputs to reduce component count in the application of the chip. The serial interface logic is implemented with a fourteen bit shift register scheme. The register shifts once per rising edge of the S_CLOCK input. The serial input S_DATA must meet setup and hold timing as specified in the AC Characteristics section of this document. With P_LOAD held high, the configuration latches will capture the value of the shift register on the HIGH−to−LOW edge of the S_LOAD input. See the programming section for more information. The TEST output reflects various internal node values and is controlled by the T[2:0] bits in the serial data stream. See the programming section for more information. |
Similar Part No. - NBC12429AFAR2G |
|
Similar Description - NBC12429AFAR2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |