Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V28A12T200BS3 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V28A12T200BS3
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28A12T200BS3 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V28A12T200BS3 Datasheet HTML 4Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 5Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 6Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 7Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 8Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 9Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 10Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 11Page - Vicor Corporation V28A12T200BS3 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 8 of 12
02/2016
800 927.9474
28 V Input
Module Enable / Disable
The module may be disabled by pulling PC below 2.3 V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 2.
Primary Auxiliary Supply
At 5.7 V, PC can source up to 1.5 mA. In the example shown
in Figure 4, PC powers a module enabled LED.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will
shut down and PC will go low. PC will periodically go high
and the module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin
will go low in the event of a fault and return to its normal
state after the fault has been cleared. See Figures 3 and 5.
+IN
PC
PR
–IN
Disable
Disable = PC <2.3 V
Figure 2 — Module enable / disable.
Figure 4 — LED on-state indicator.
+IN
PC
PR
–IN
4 kΩ
"Module
Enabled"
+IN
PC
PR
–IN
Optocoupler
4 kΩ
Alarm
1.00V
+OUT
+S
SC
–S
–OUT
Comparator
+OUT
+S
SC
–S
– OUT
+IN
PC
PR
–IN
Input Undervoltage
2-20 ms typ.
f (VIN)
Auto
Restart
5.7 Vdc
(0-3 mA)
50 Ω
SW2
SW3
1.23
Vdc
6 K
1 K
SW1
SW1, 2, & 3
shown in
"Fault" position
Input Overvoltage (See Note 1)
Overtemperature
Module Faults
1 Not applicable for 300 Vdc input family
1 M
Figure 3 — PC/SC module alarm logic.
Figure 6 — Isolated on-state indicator.
2–20 ms typ.
Fault
SC
PC
1.23 V
5.7 V
40 μs typ.
Figure 5 — PC/SC module alarm timing.
Figure 7 — Secondary side on-state indicator.
PRIMARY CONTROL - PC PIN


Similar Part No. - V28A12T200BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A12T200BS3 VICOR-V28A12T200BS3 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
More results

Similar Description - V28A12T200BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com