Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD45E462-TR Datasheet(PDF) 7 Page - Rohm

Part # BD45E462-TR
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45E462-TR Datasheet(HTML) 7 Page - Rohm

Back Button BD45E462-TR Datasheet HTML 3Page - Rohm BD45E462-TR Datasheet HTML 4Page - Rohm BD45E462-TR Datasheet HTML 5Page - Rohm BD45E462-TR Datasheet HTML 6Page - Rohm BD45E462-TR Datasheet HTML 7Page - Rohm BD45E462-TR Datasheet HTML 8Page - Rohm BD45E462-TR Datasheet HTML 9Page - Rohm BD45E462-TR Datasheet HTML 10Page - Rohm BD45E462-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/14
TSZ02201-0R7R0G300110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
27.Aug.2013 Rev.004
www.rohm.com
TSZ22111・15・001
BD45Exxxx-M series
BD46Exxxx-M series
●Typical Performance Curves
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
8
9 10
VDD SUPPLY VOLTAGE :VDD[V]
【BD45281G】
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE : VDS[V]
VDD=1.2V
【BD45281G】
VDD=2.4V
Fig.4 “Low” Output Current
0
5
10
15
20
0
1
2
3
4
5
6
DRAIN-SOURCE VOLTAGE : VDS[V]
【BD46281G】
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VDD SUPPLY VOLTAGE :VDD[V]
【BD45421G】
Ta=25
Ta=25
【BD46E281-M】
【BD45E281-M】
【BD46E281-M】
【BD45E281-M】
【BD46E281-M】
【BD45E281-M】
【BD46E281-M】


Similar Part No. - BD45E462-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45E462 ROHM-BD45E462 Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD45E462-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com