Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5170-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5170-Q1
Description  Multiphase Bidirectional Current Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5170-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM5170-Q1 Datasheet HTML 1Page - Texas Instruments LM5170-Q1 Datasheet HTML 2Page - Texas Instruments LM5170-Q1 Datasheet HTML 3Page - Texas Instruments LM5170-Q1 Datasheet HTML 4Page - Texas Instruments LM5170-Q1 Datasheet HTML 5Page - Texas Instruments LM5170-Q1 Datasheet HTML 6Page - Texas Instruments LM5170-Q1 Datasheet HTML 7Page - Texas Instruments LM5170-Q1 Datasheet HTML 8Page - Texas Instruments LM5170-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
IPK
COMP2
UVLO
RAMP1
NC
OVPB
COMP1
BRKG
BRKS
RAMP2
VINX
NC
VIN
NC
CSA2
CSB2
nFAULT
OPT
SS
VCCA
CSA1
CSB1
OVPA
3
LM5170-Q1
www.ti.com
SNVSAQ6 – NOVEMBER 2016
Product Folder Links: LM5170-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Note: G = Ground, I = Input, O = Output, P = Power
5 Pin Configuration and Functions
PHP Package
48-Pin TQFP
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
CSA2
I
CH-2 differential current sense inputs. The CSA2 pin connects to the CH-2 power inductor. The CSB2 pin
connects to the circuit breaker or directly to the LV-Port if the circuit breaker is not used. The CH-2 current sense
resistor is placed between these two pins.
2
CSB2
I
3
NC
No Connect
4
VINX
O
Internally connected to VIN pin through a cutoff switch. When the controller is shutdown, VINX is disconnected
from VIN, opening the current leakage path. When the controller is enabled, VINX is connected to VIN and
serves as the pullup supply for the RC ramp generators at the RAMP1 and RAMP2 pins. VINX also pulls up the
OVPA pin through an internal 3-MΩ resistor.
5
NC
No Connect
6
VIN
I
The input pin connecting to the HV-Port line voltage. It supplies the BRKG pin through an internal 330-µA current
source.
7
NC
No Connect


Similar Part No. - LM5170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
More results

Similar Description - LM5170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com