Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N7623B Datasheet(PDF) 10 Page - Keysight Technologies

Part # N7623B
Description  Signal Studio for Digital Video
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N7623B Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N7623B Datasheet HTML 4Page - Keysight Technologies N7623B Datasheet HTML 5Page - Keysight Technologies N7623B Datasheet HTML 6Page - Keysight Technologies N7623B Datasheet HTML 7Page - Keysight Technologies N7623B Datasheet HTML 8Page - Keysight Technologies N7623B Datasheet HTML 9Page - Keysight Technologies N7623B Datasheet HTML 10Page - Keysight Technologies N7623B Datasheet HTML 11Page - Keysight Technologies N7623B Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Modulation error ratio (MER) (Note: values refer to averaged values over 10 tests)
Characteristic value
Performance range1
Standard
Carrier
N5162A/
N5182A
MXG
E4438C
ESG
E8267D
PSG
M9381A
(typ)
N5162A/
N5182A
MXG
E4438C
ESG
E8267D
PSG
M9381A
DVB-T/H 2K
mode
–30 dBm power at 474 MHz
45.3
47.8
46.9
52.85
45.3 to 48.8 47.8 to 49.9
46.0 to 50.7
52.71 to 53.26
4K
mode
45.7
48.1
47.3
52.96
45.5 to 47.7
47.9 to 50.5
46.4 to 52.0 52.80 to 53.43
8K
mode
44.5
47.6
47.1
53.03
44.5 to 48.2 47.3 to 49.9
46.4 to 52.0 52.99 to 53.53
DVB-T2
–30 dBm power at 474 MHz
N/A
N/A
N/A
52.76
N/A
N/A
N/A
52.68 to 53.07
DVB-C
45.4
45.7
43.3
48.17
45.4 to 49.9 45.7 to 47.3
43.2 to 45.8 47.11 to 48.68
DVB-S
–30 dBm power at 2 GHz
42.3
40.0
38.8
47.74
42.3 to 42.8
40.0 to 40.9 38.6 to 41.1
47.57 to 47.92
ISDB-T
–30 dBm power at 713.142857 MHz 44.7
47.7
46.2
53.31
44.7 to 47.9
47.5 to 48.6
46.2 to 48.9 52.98 to 54.30
ATSC
–30 dBm power at 635 MHz
40.8
40.9
40.3
40.26
40.8 to 41.7
40.9 to 41.4
40.3 to 41.2
40.22 to 40.87
ATSC-M/H
40.7
39.3
N/A
40.74
40.6 to 42.1
39.3 to 40.8 N/A
40.74 to 40.94
DVB-S2
–30 dBm power at 1 GHz, symbol
rate is 10 MHz
42.6
41.4
39.0
50.06
42.6 to 47.9
41.4 to 47.0
39.0 to 40.6
49.98 to 50.58
J.83/B
–30 dBm power at 2 GHz
48.3
45.6
43.8
49.38
47.8 to 50.0
45.6 to 47.0
43.8 to 44.7 49.29 to 50.00
DTMB (CTTB)
–30 dBm power at 474 MHz, mode
= 1 or 2, 16QAM or 64QAM
45.5
43.3
44.8
49.55
45.5 to 47.1
43.3 to 47.5
44.8 to 47.1
49.54 to 49.64
CMMB
–30 dBm power at 634 MHz,
SLCH modulation type = 16QAM
42.4
42.4
N/A
53.63
42.4 to 43.3
42.4 to 43.3
N/A
53.57 to 53.83
ISDB-Tmm
–30 dBm power
at 214.714286 MHz
N/A
N/A
N/A
48.05
N/A
N/A
N/A
48.00 to 48.42
Characteristic value
Performance range1
Standard
Carrier
M8190A
M8190A
DOCSIS 3.1 DS
192 MHz BW at 500 kHz
52.41 dB
51.57 to 54.03 dB
192 MHz BW at 1 GHz
51.13 dB
49.82 to 53.64 db
1. Non-warranted range based on testing during product development. All instruments tested performed within this range.
Performance Characteristics
Definitions
Typical (typ):
Represents characteristic performance, which 80% of the instruments manufactured will
meet. This data is not warranted, does not include measurement uncertainty, and is valid
only at room temperature (approximately 25 °C).
Characteristic performance:
Non-warranted value based on testing during development phase of this product.
The following performance characteristics apply to the instruments indicated in the
table. For performance characteristics of other instruments, refer to the respective
product data sheet.
10 | Keysight | Signal Studio for Digital Video N7623B – Technical Overview


Similar Part No. - N7623B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N7620B KEYSIGHT-N7620B Datasheet
5Mb / 14P
   Signal Studio for Pulse Building
N7621B KEYSIGHT-N7621B Datasheet
2Mb / 12P
   Signal Studio for Multitone Distortion
N7622B KEYSIGHT-N7622B Datasheet
1Mb / 7P
   N7622B Signal Studio for Toolkit
N7624B KEYSIGHT-N7624B Datasheet
2Mb / 13P
   Signal Studio for LTE/LTE-Advanced FDD/TDD
N7625B KEYSIGHT-N7625B Datasheet
2Mb / 13P
   N7624B/N7625B
More results

Similar Description - N7623B

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
LP15MHZ-1553 SOSHIN-LP15MHZ-1553 Datasheet
110Kb / 1P
   For Digital Studio
LP30MHZ-1551 SOSHIN-LP30MHZ-1551 Datasheet
89Kb / 1P
   For Digital Studio
logo
Keysight Technologies
N7606B KEYSIGHT-N7606B Datasheet
2Mb / 10P
   Signal Studio for Bluetooth짰
N7660B KEYSIGHT-N7660B Datasheet
1Mb / 8P
   Signal Studio for Multi-Emitter
N7615B KEYSIGHT-N7615B Datasheet
1Mb / 10P
   Signal Studio for Mobile WiMAX?
N7608B KEYSIGHT-N7608B Datasheet
1Mb / 8P
   Signal Studio for Custom Modulation
N7620B KEYSIGHT-N7620B Datasheet
5Mb / 14P
   Signal Studio for Pulse Building
N7611B KEYSIGHT-N7611B Datasheet
1Mb / 9P
   Signal Studio for Broadcast Radio
N7621B KEYSIGHT-N7621B Datasheet
2Mb / 12P
   Signal Studio for Multitone Distortion
N7622B KEYSIGHT-N7622B Datasheet
1Mb / 7P
   N7622B Signal Studio for Toolkit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com