Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC20520DWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC20520DWR
Description  4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC20520DWR Datasheet(HTML) 4 Page - Texas Instruments

  UCC20520DWR Datasheet HTML 1Page - Texas Instruments UCC20520DWR Datasheet HTML 2Page - Texas Instruments UCC20520DWR Datasheet HTML 3Page - Texas Instruments UCC20520DWR Datasheet HTML 4Page - Texas Instruments UCC20520DWR Datasheet HTML 5Page - Texas Instruments UCC20520DWR Datasheet HTML 6Page - Texas Instruments UCC20520DWR Datasheet HTML 7Page - Texas Instruments UCC20520DWR Datasheet HTML 8Page - Texas Instruments UCC20520DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
UCC20520
SLUSCN0 – NOVEMBER 2016
www.ti.com
Product Folder Links: UCC20520
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
To maintain the recommended operating conditions for TJ, see the Thermal Information.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input bias pin supply voltage
VCCI to GND
–0.3
20
V
Driver bias supply
VDDA-VSSA, VDDB-VSSB
–0.3
30
V
Output signal voltage
OUTA to VSSA, OUTB to VSSB
–0.3
VVDDA+0.3,
VVDDB+0.3
V
OUTA to VSSA, OUTB to VSSB,
Transient for 200 ns
–2
VVDDA+0.3,
VVDDB+0.3
V
Input signal voltage
PWM, DIS, DT to GND
–0.3
VVCCI+0.3
V
PWM Transient for 50ns
–5
VVCCI+0.3
V
Channel to channel voltage
VSSA-VSSB, VSSB-VSSA
1500
V
Junction temperature, TJ
(2)
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCI
VCCI Input supply voltage
3
18
V
VDDA,
VDDB
Driver output bias supply
9.2
25
V
TA
Ambient Temperature
–40
125
°C
TJ
Junction Temperature
–40
130
°C


Similar Part No. - UCC20520DWR

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UCC2000-30GH70-IE2R2-V15 PF-UCC2000-30GH70-IE2R2-V15 Datasheet
994Kb / 6P
   Ultrasonic sensor
UCC2000-30GH70S-IE2R2-V15 PF-UCC2000-30GH70S-IE2R2-V15 Datasheet
881Kb / 6P
   Ultrasonic sensor
logo
Texas Instruments
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
UCC20225 TI1-UCC20225 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48V Systems
UCC20225 TI1-UCC20225 Datasheet
1Mb / 48P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48-V Systems
More results

Similar Description - UCC20520DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
UCC21530 TI1-UCC21530 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21530-Q1 TI1-UCC21530-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21530-Q1 TI-UCC21530-Q1_V01 Datasheet
2Mb / 46P
[Old version datasheet]   UCC21530-Q1 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com