Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8670409VPA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670409VPA
Description  QML Class V, Current-Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8670409VPA Datasheet(HTML) 3 Page - Texas Instruments

  5962-8670409VPA Datasheet HTML 1Page - Texas Instruments 5962-8670409VPA Datasheet HTML 2Page - Texas Instruments 5962-8670409VPA Datasheet HTML 3Page - Texas Instruments 5962-8670409VPA Datasheet HTML 4Page - Texas Instruments 5962-8670409VPA Datasheet HTML 5Page - Texas Instruments 5962-8670409VPA Datasheet HTML 6Page - Texas Instruments 5962-8670409VPA Datasheet HTML 7Page - Texas Instruments 5962-8670409VPA Datasheet HTML 8Page - Texas Instruments 5962-8670409VPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
5
6
7
8
9 10 11 12 13
14
15
16
17
18
19
20
V
FB
N/C
I
SENSE
N/C
N/C
Output
N/C
V
C
V
CC
N/C
1
2
3
4
5
6
7
8
Gnd
Output
V
CC
V
REF
R /C
T
T
I
SENSE
V
FB
Comp
UC1842A-SP, UC1843A-SP, UC1844A-SP
www.ti.com
SLUS872D – JANUARY 2009 – REVISED MAY 2015
6 Device Comparison Table
PART NO.
UVLO ON
UVLO OFF
MAXIMUM DUTY CYCLE
UC1842A
16 V
10 V
<100%
UC1843A
8.5 V
7.9 V
<100%
UC1844A
16 V
10 V
<50%
7 Pin Configuration and Functions
JG Package
FK Package
8-Pin CDIP
20-Pin LCCC
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
CDIP
LCCC
Comp
1
2
I
Error amplifier output
VFB
2
5
I
Voltage feedback input to error amplifier
ISENSE(C/S)
3
7
I
Current sense comparator input pin
RT/CT
4
10
I
RC time constant input to oscillator
1, 3, 4, 6, 8, 9,
NC
No connect
11, 14, 16, 19
Pwr Gnd
12
Output section ground
Gnd
5
13
Ground
Output
6
15
O
Regulated output
VC
17
Output section supply voltage
VCC
7
18
Unregulated supply voltage
VREF
8
20
O
5-V internally generated reference
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Similar Part No. - 5962-8670409VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670409VPA TI1-5962-8670409VPA Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
5962-8670409VPA TI1-5962-8670409VPA Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - 5962-8670409VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com