Electronic Components Datasheet Search |
|
V24A6.5C400BG2 Datasheet(PDF) 1 Page - Vicor Corporation |
|
V24A6.5C400BG2 Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 15 page DC-DC Converter Module 24V Maxi Family Rev 6.6 vicorpower.com Page 1 of 15 01/2016 800 927.9474 24V Input Maxi Family Actual size: 4.6 x 2.2 x 0.5in 117 x 56 x 12,7mm S NRTL CUS C US ® Features & Benefits • DC input range: 18 – 36V • Isolated output • Operation to 16V at 75% power after startup • Input surge withstand: 50V for 100ms • DC output: 3.3 – 48V • Programmable output: 10 to 110% • Regulation: ±0.25% no load to full load • Efficiency: Up to 88% • Maximum operating temp: 100°C, full load • Power density: up to 99W per cubic inch • Height above board: 0.43in. (10,9mm) • Parallelable, with N+M fault tolerance • Low noise ZCS/ZVS architecture • RoHS Compliant (with F or G pin option) Product Overview These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component. High frequency ZCS/ZVS switching provides high power density with low noise and high efficiency. Parameter Rating Unit Notes +In to –In voltage -0.5 to +53 VDC PC to –In voltage -0.5 to +7.0 VDC PR to –In voltage -0.5 to +7.0 VDC SC to -Out voltage -0.5 to +1.5 VDC -Sense to -Out voltage 1.0 VDC +Out to -Out, +Sense to -Out See Module Output Specifications Isolation voltage in to out 3000 VRMS Test voltage in to base 1500 VRMS Test voltage out to base 500 VRMS Test voltage Operating Temperature -55 to +100 °C M-Grade Storage Temperature -65 to +125 °C M-Grade Pin soldering temperature 500 (260) °F (°C) <5 sec; wave solder 750 (390) °F (°C) <7 sec; hand solder Mounting torque 5 (0.57) in-lbs (N-m) 6 each Output Power VOUT POUT 3.3V 200W, 264W 5V 300W, 400W 6.5V 400W 8V 300W 12V 300W, 400W, 500W 15V 300W, 400W 24V 300W, 400W, 500W 28V 300W, 400W, 500W 36V 300W, 400W 48V 300W, 400W Absolute Maximum Ratings Part Numbering e.g. V24A12T400BL2 24A B Output Voltage 3V3 = 3.3V 5 = 5V 6.5 = 6.5V 8 = 8V 12 = 12V 15 = 15V 24 = 24V 28 = 28V 36 = 36V 48 = 48V Product Grade Temperatures (°C) Grade Operating Storage E = - 10 to +100 - 20 to +125 C = - 20 to +100 - 40 to +125 T = - 40 to +100 - 40 to +125 H = - 40 to +100 - 55 to +125 M = - 55 to +100 - 65 to +125 Pin Style Finish Blank: Short Tin/Lead L: Long Tin/Lead S: Short ModuMate Gold N: Long ModuMate Gold F: Short RoHS Gold G: Long RoHS Gold K: Extra Long RoHS Gold Baseplate Blank: Slotted 2: Threaded 3: Through-hole Product Type V = Standard S = Enhanced efficiency (avail. ≤12 Vout only) Applications Industrial and process control, distributed power, medical, ATE, communications, defense and aerospace. For details on proper operation please refer to the: Design Guide & Applications Manual for Maxi, Mini, Micro Family. |
Similar Part No. - V24A6.5C400BG2 |
|
Similar Description - V24A6.5C400BG2 |