Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4001 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 1N4001
Description  1.0AMP . SILICON RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

1N4001 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  1N4001 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 341 -
1N4001 THRU 1N4007
1.0AMP . SILICON RECTIFIERS
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed
260°C /10sec/ 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-41
.787(20.0)
M IN.
.205(5.2)
.166(4.2)
.787(20.0)
M IN.
.107(2.7)
.080(2.0)
DIA.
+
-
.032(0.8)
.025(0.65)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA =55°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
30.0
A
Maximum Forward Voltage at 1.0A DC
VF
1.0
V
Maximum Forward Voltage at 3.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
100.0
µA
Typical Junction Capacitance (Note 1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Similar Part No. - 1N4001

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4001 EIC-1N4001 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001 Datasheet
553Kb / 2P
   Rectifier Diodes
More results

Similar Description - 1N4001

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1N4001S CHONGQING-1N4001S_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
1A1 CHONGQING-1A1_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
logo
Cystech Electonics Corp...
1N581XLB CYSTEKEC-1N581XLB Datasheet
140Kb / 3P
   1.0Amp Silicon Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM4001B SECOS-SM4001B Datasheet
191Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
logo
Cystech Electonics Corp...
1N400XLB CYSTEKEC-1N400XLB Datasheet
138Kb / 3P
   1.0Amp. Glass Passivated Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
SM4001B SECOS-SM4001B_15 Datasheet
191Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
logo
Jinan Gude Electronic D...
ES1A JGD-ES1A Datasheet
190Kb / 3P
   1.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G_1 Datasheet
239Kb / 2P
   1.0AMP Surface Mount Glass Plassivated Silicon Rectifiers
logo
Shenzhen Luguang Electr...
LL4933G LUGUANG-LL4933G Datasheet
218Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com