Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # RS1G
Description  1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

RS1G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  RS1G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS1A THRU RS1M
1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
FEATURE
.
Fast switching
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed:
260°C /10 seconds at terminals.
.
For surface mounted application.
.
Easy pick and place.
MECHANICAL DATA
.
Case: Molded plastic
.
Epoxy: UL94V-0 rate flame retardant
.
Lead: MIL-STD- 202E, Method 208 guaranteed
.
Polarity: Color band denotes cathode end
.
Packaging:12mm tape per EIA STD RS-481
.
Mounting position: Any
SMA/DO-214(AC)
NO
Fig1(mm)
Fig2(mm)
A
1.9~2.4
1.98~2.3
B
1.2~1.8
1.35~1.6
C
0.23MAX
0.2MAX
D
2.4~2.9
2.4~2.9
E
3.8~4.6
3.8~4.6
F
0.8~1.8
0.8~1.8
G
4.8~5.8
4.8~5.8
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%
Type Number
SYMBOL RS1A RS1B RS1D RS1G RS1J RS1K RS1M units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TA=55°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine- wave superimposed on rated load
(JEDEC method)
IFSM
30.0
A
Maximum Forward Voltage at 1.0A DC
VF
1.3
V
Maximum DC Reverse Current @TA =25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
100.0
µA
Maximum Reverse Recovery Time (Note 1)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
CJ
15
pF
Typical Thermal Resistance (Note 3)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Measured on P.C. Board with 0.2×0.2”(5.0×5.0mm)Copper Pad Areas.
Fig2: SMA/DO-214AC
FOR GLASS PASSIVATED DICE PACKAGING OUTLINE
FOR OPEN JUNCTION DICE PACKAGING OUTLINE
Fig1: SMA/DO-214AC*


Similar Part No. - RS1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1G PANJIT-RS1G Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
RS1G YIXIN-RS1G Datasheet
171Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Rugao Dachang Electroni...
RS1G DACHANG-RS1G Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Fairchild Semiconductor
RS1G FAIRCHILD-RS1G Datasheet
49Kb / 3P
   Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
RS1G SAMYANG-RS1G Datasheet
955Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RS1G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF10SS SECOS-SMF10SS Datasheet
270Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1A DYELEC-FR1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF101A SECOS-SMF101A Datasheet
204Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
SMF101B SECOS-SMF101B Datasheet
234Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
RS07A CHONGQING-RS07A_16 Datasheet
194Kb / 1P
   1.0AMP. SURFACE MOUNT FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF101B SECOS-SUF101B Datasheet
209Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF101A SECOS-SUF101A Datasheet
240Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Tak Cheong Electronics ...
1N4933 TAK_CHEONG-1N4933 Datasheet
103Kb / 2P
   1.0AMP. Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com