Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1226AS-H-100M Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1226AS-H-100M
Description  Ferrite Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1226AS-H-100M Datasheet(HTML) 1 Page - TOKO, Inc

  1226AS-H-100M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DEM2815C
Inductance Range: 0.47~15
H
(Unit: mm)
(Unit: mm)
*DEM2815C: 1.5mm Max.
FEATURES
特長
 Low profile (2.83.0mm square, 1.5/mm Max.height).
 Magnetically shielded construction and low DC resistance.
 Ideal for a variety of DC-DC converter inductor
applications.
 小型薄形構造(2.83.0mm角 高さ1.5mm Max.)
 閉磁路構造、低直流抵抗
 各種機器のDC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE DEM2815C (Magnetically Shielded, Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1226AS-H-R47N=P2
0.47
 30
24 (20)
2.9 (3.8)
3.9 (4.6)
1226AS-H-1R0N=P2
1.0
 30
32 (27)
2.1 (2.7)
3.3 (3.9)
1226AS-H-1R5N=P2
1.5
 30
37 (31)
1.7 (2.3)
2.9 (3.4)
1226AS-H-2R2M=P2
2.2
 20
52 (43)
1.4 (1.8)
2.2 (2.6)
1226AS-H-2R7M=P2
2.7
 20
63 (53)
1.3 (1.7)
2.0 (2.4)
1226AS-H-3R3M=P2
3.3
 20
68 (57)
1.1 (1.5)
1.9 (2.3)
1226AS-H-4R7M=P2
4.7
 20
96 (80)
0.95 (1.3)
1.6 (1.9)
1226AS-H-6R8M=P2
6.8
 20
156 (130)
0.80 (1.0)
1.2 (1.5)
1226AS-H-100M=P2
10
 20
216 (180)
0.65 (0.90)
1.0 (1.2)
1226AS-H-120M=P2
12
 20
275 (228)
0.60 (0.80)
0.85 (1.0)
1226AS-H-150M=P2
15
 20
324 (270)
0.50 (0.70)
0.80 (0.95)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - 1226AS-H-100M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1226AS-H-100M TOKO-1226AS-H-100M Datasheet
121Kb / 2P
   Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
logo
Murata Manufacturing Co...
1226AS-H-100M MURATA-1226AS-H-100M Datasheet
739Kb / 2P
   Inductor
More results

Similar Description - 1226AS-H-100M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
   Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
   Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
   Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
   Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
   Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
   Ferrite Inductors
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
   Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
   Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
   Ferrite Inductors
DEM8040C TOKO-DEM8040C_16 Datasheet
317Kb / 1P
   Ferrite Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com