Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM912 Datasheet(PDF) 7 Page - Synaptics Incorporated.

Part # RM912
Description  CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RM912 Datasheet(HTML) 7 Page - Synaptics Incorporated.

Back Button RM912 Datasheet HTML 3Page - Synaptics Incorporated. RM912 Datasheet HTML 4Page - Synaptics Incorporated. RM912 Datasheet HTML 5Page - Synaptics Incorporated. RM912 Datasheet HTML 6Page - Synaptics Incorporated. RM912 Datasheet HTML 7Page - Synaptics Incorporated. RM912 Datasheet HTML 8Page - Synaptics Incorporated. RM912 Datasheet HTML 9Page - Synaptics Incorporated. RM912 Datasheet HTML 10Page - Synaptics Incorporated. RM912 Datasheet HTML 11Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
RM912
Characterization Data
CDMA/AMPS 3–4 Volt Power Amplifier (824–849 MHz)
100635G
Conexant
7
Legend
Figure 4. Digital Power Added Efficiency vs. Output Power
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
0.00
5.00
10.00
15.00
20.00
25.00
30.00
Output Power (dBm)
Vref = 3.0V, Vcc = 3.4V
Figure 5. Analog Gain vs. Output Power
22.50
25.00
27.50
30.00
32.50
0.00
5.00
10.00
15.00
20.00
25.00
30.00
Output Pow er (dBm)
Vref = 3.0V, Vcc = 3.4V
N
824 MHz @ –30
°C
N
824 MHz @ +25
°C
N
824 MHz @ +85
°C
I
837 MHz @ –30
°C
I
837 MHz @ +25
°C
I
837 MHz @ +85
°C
L
849 MHz @ –30
°C
L
849 MHz @ +25
°C
L
849 MHz @ +85
°C


Similar Part No. - RM912

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
More results

Similar Description - RM912

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
   System Smart PA Module for CDMA / AMPS (824-849 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Tyco Electronics
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com