Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF440CS3 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF440CS3
Description  This specification shall cover the characteristics of SAW filter With F440C used for the page
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF440CS3 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDF440CS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF440CS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF440CS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF440CS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF440CS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF440CS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF440CS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF440CS3 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAW FILTER
HDF440C SMD-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 8
(2) Label
Device Name
User Product Name
Quantity
Lot No.
(3) Leader part and vacant position specifications.
8. TAPE SPECIFICATIONS
8.1 Tensile Strength of Carrier Tape: 4.4N/mm width
8.2 Top Cover Tape Adhesion (See the below figure)
(1) pull off angle: 0~15º
(2) speed: 300mm/min.


Similar Part No. - HDF440CS3

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF440BF11 SHOULDER-HDF440BF11 Datasheet
109Kb / 6P
   This specification shall cover the characteristics of SAW filter With F440B used for the page
HDF440FS3 SHOULDER-HDF440FS3 Datasheet
159Kb / 7P
   This specification shall cover the characteristics of SAW filter With F440F used for the page
More results

Similar Description - HDF440CS3

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF171S3 SHOULDER-HDF171S3 Datasheet
151Kb / 8P
   This specification shall cover the characteristics of SAW filter With F171 used for the page
HDF302AS3 SHOULDER-HDF302AS3 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF302A used for the page
HDF398AS4 SHOULDER-HDF398AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F398A used for the page
HDF415CS3 SHOULDER-HDF415CS3 Datasheet
175Kb / 7P
   This specification shall cover the characteristics of SAW filter With F415 used for the page
HDF426ANF11 SHOULDER-HDF426ANF11 Datasheet
108Kb / 5P
   This specification shall cover the characteristics of SAW filter With F426AN used for the page
HDF428WS4 SHOULDER-HDF428WS4 Datasheet
169Kb / 8P
   This specification shall cover the characteristics of SAW filter With F428W used for the page
HDF450BS3 SHOULDER-HDF450BS3 Datasheet
167Kb / 8P
   This specification shall cover the characteristics of SAW filter With F450B used for the page
HDF455A1S4 SHOULDER-HDF455A1S4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F455A1 used for the page
HDF458CS4 SHOULDER-HDF458CS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F458C used for the page
HDF850EF11 SHOULDER-HDF850EF11 Datasheet
137Kb / 5P
   This specification shall cover the characteristics of SAW filter With F850E used for the page
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com