Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9238 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9238
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9238 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
2
Ordering Information
RT9238
Typical Application Circuit
Fig.1 VRM 8.5 Power Solution
Operating temperature range
C: Commercial standard
Package type
S : SOP-28
7
6
5
10
12
28
23
8
27
26
25
24
22
5V
12V
16
11
1
17
20
C14
1µF
VTTPG
19
15
VTT
VOUT2
1.2V
13
9
VAUX
18
14
RT9238
R1
10
2
FIX
Q3
PHD3055E
+ C5
1000µF
C6
1µF
R6
1K
+
Q4
PHD3055E
+
+
AGP
VOUT3
1.5V
C9
560µF
C8
1µF
Q5
2SD1802
C10
1µF
C11
560µF
VOUT4
1.8V
MCH
+
C2
1000pF
R2
1K
L1
1µH
C1
2000µF
Q1
PHB83N03LT
Q2
PHB95N03LT
L2; 1.8µH
R3
10K
+
C3
8000µF
C4
1µF
21
R6
1K
4
3
VID25
VID0
VID1
VID2
VID3
C12
0.1µF
C13
0.1µF
FAULT
VCORE
VOUT1
VRM8.5
PGOOD
VCC
FIX
DRIVE2
VSEN2
VTTPG
VAUX
DRIVE3
VSEN3
DRIVE4
VSEN4
GND
OCSET1
PGOOD
UGATE1
PHASE1
LGATE1
PGND
FB1
VDAC
ICOMP
VID25
VID0
VID1
VID2
VID3
FAULT/VID4
SS24
SS13
C15
10µF
Z1
15V
C16
10nF
C17
1µF
* C17 near the FB1 pin
as close as possible


Similar Part No. - RT9238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
RT9230CS ETC-RT9230CS Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
RT9231 ETC-RT9231 Datasheet
304Kb / 10P
   Advaned PWM and Triple Linear Power Controller
RT9231-CS ETC-RT9231-CS Datasheet
304Kb / 10P
   Advaned PWM and Triple Linear Power Controller
RT9231-MS ETC-RT9231-MS Datasheet
304Kb / 10P
   Advaned PWM and Triple Linear Power Controller
More results

Similar Description - RT9238

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
   PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com