Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP540 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP540
Description  Low Noise Silicon Bipolar RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP540 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP540_13 Datasheet HTML 1Page - Infineon Technologies AG BFP540_13 Datasheet HTML 2Page - Infineon Technologies AG BFP540_13 Datasheet HTML 3Page - Infineon Technologies AG BFP540_13 Datasheet HTML 4Page - Infineon Technologies AG BFP540_13 Datasheet HTML 5Page - Infineon Technologies AG BFP540_13 Datasheet HTML 6Page - Infineon Technologies AG BFP540_13 Datasheet HTML 7Page - Infineon Technologies AG BFP540_13 Datasheet HTML 8Page - Infineon Technologies AG BFP540_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2013-09-20
5
BFP540
Third order Intercept Point IP3=ƒ(IC)
(Output, ZS=ZL=50Ω)
VCE = parameter, f = 1.8GHz
0
10
20
30
40
50
60
70
80 mA 100
IC
2
4
6
8
10
12
14
16
18
20
22
24
26
dBm
30
1V
1.5V
2V
3V
4V
Transition frequency fT= ƒ(IC)
f = 1GHz
VCE = Parameter in V
0
10
20
30
40
50
60
70 mA
90
IC
0
5
10
15
20
25
GHz
35
0.5
1
1.5
2
3
4
Power gain Gma, Gms = ƒ(IC)
VCE = 2V
f = Parameter in GHz
0
10
20
30
40
50
60
70 mA
90
IC
0
5
10
15
20
dB
30
1
2
3
4
5
6
Power Gain Gma, Gms = ƒ(f),
|S21|² = f (f)
VCE = 2V, IC = 20mA
0
1
2
3
4
GHz
6
G
5
10
15
20
25
30
35
40
dB
50
|S21|²
Gms
Gma


Similar Part No. - BFP540_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP540ESD INFINEON-BFP540ESD Datasheet
228Kb / 9P
   NPN Silicon RF Transistor
2006-04-10
BFP540ESD INFINEON-BFP540ESD Datasheet
602Kb / 10P
   NPN Silicon RF Transistor
2009-12-04
BFP540ESD INFINEON-BFP540ESD Datasheet
628Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-13
BFP540ESD INFINEON-BFP540ESD_09 Datasheet
602Kb / 10P
   NPN Silicon RF Transistor
2009-12-04
BFP540ESD INFINEON-BFP540ESD_13 Datasheet
628Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-13
More results

Similar Description - BFP540_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com