Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709650500 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 709650500
Description  AsSNSN Miniature snap-on spacer arresting on both sides
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

709650500 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  709650500 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Scale - 3:1
1 / 1
DE
2015-01-08
1.0
70965xxxx
Nylon 66, natural
S. Klingler
D. Fandrey
Released
AsSNSN
Miniature snap-on spacer
arresting on both sides
WEIGHT
DESCRIPTION
STATUS
PROJECTION
METHOD
PAGE
DATE
REV
ORDER CODE
MATERIAL
CHECKED
CREATED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
GENERAL TOLERANCE
________
DIN ISO 2768 T1m
O 2,0
Order Code L (mm)
709 650 500
2.2
709 650 600
3.0
709 651 000
4.0
709 651 500
5.0
709 652 000
6.0
709 652 500
6.5
709 653 000
8.0
709 653 500
10.5
709 654 000
12.5
Hole Pattern
Panel Thickness


Similar Part No. - 709650500

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
709655000 WURTH-709655000 Datasheet
76Kb / 1P
   SNAP-ON STOP SPACER
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
709657000 WURTH-709657000 Datasheet
100Kb / 1P
   Spacer Support
709658000 WURTH-709658000 Datasheet
60Kb / 1P
   SPACER SUPPORT
709658000/V0 WURTH-709658000/V0 Datasheet
60Kb / 1P
   SPACER SUPPORT
More results

Similar Description - 709650500

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
709659000 WURTH-709659000 Datasheet
77Kb / 1P
   MINIATURE SNAP-ON STOP SPACER
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
   Naturally tacky on both sides
logo
PHOENIX CONTACT
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
   Housing cover,for connection on both sides
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
   Housing cover,for connection on both sides
logo
SOURIAU-SUNBANK Connect...
8STA SOURIAU-8STA Datasheet
1Mb / 3P
   Solder Contacts on Both Sides of Bulkhead
logo
PHOENIX CONTACT
1622247 PHOENIX-1622247 Datasheet
156Kb / 6P
   Connector in molded plastic on both sides
1622244 PHOENIX-1622244 Datasheet
165Kb / 6P
   Connector in molded plastic on both sides
1622245 PHOENIX-1622245 Datasheet
162Kb / 6P
   Connector in molded plastic on both sides
1622249 PHOENIX-1622249 Datasheet
156Kb / 6P
   Connector in molded plastic on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
   Housing cover,for connection on both sides
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com