Electronic Components Datasheet Search |
|
NBM6123T46C15A6M01 Datasheet(PDF) 7 Page - Vicor Corporation |
|
NBM6123T46C15A6M01 Datasheet(HTML) 7 Page - Vicor Corporation |
7 / 26 page NBM™ Bus Converter Rev 1.3 vicorpower.com Page 7 of 26 09/2016 800 927.9474 NBM6123x46C15A6yzz Attribute Symbol Conditions / Notes Min Typ Max Unit General Powetrain SECONDARY to PRIMARY Specification (Reverse Direction) Secondary Input Voltage range, continuous VSEC_DC 12 15.3 V SEC to PRI No Load Power Dissipation PSEC_NL VSEC_DC = 14V, TINTERNAL = 25ºC 12.5 20 W VSEC_DC = 14V 5 29 VSEC_DC = 12V to 15.3V, TINTERNAL = 25ºC 22 VSEC_DC = 12V to 15.3V 31 DC Secondary Input Current ISEC_IN_DC At IPRI_DC = 53.3A, TINTERNAL ≤ 100ºC 162 A Primary Output Current (continuous) IPRI_OUT_DC 53.3 A Primary Output Current (pulsed) IPRI_OUT_PULSE 10ms pulse, 25% Duty cycle, IPRI_OUT_AVG ≤ 50% rated IPRI_OUT_DC 58.7 A SEC to PRI Efficiency (ambient) h AMB VSEC_DC = 14V, IPRI_OUT_DC = 53.3A 97 98 % VSEC_DC = 12V to 15.3V, IPRI_OUT_DC= 53.3A 96.7 VSEC_DC = 14V, IPRI_OUT_DC = 26.7A 97.6 98.3 SEC to PRI Efficiency (hot) h HOT VSEC_DC = 14V, IPRI_OUT_DC = 53.3A 96.6 97 % SEC to PRI Efficiency (over load range) ηh 20% 10.66A < IPRI_OUT_DC < 53.3A 90 % SEC to PRI Output Resistance RPRI_COLD VSEC_DC = 14V, IPRI_OUT_DC = 53.3A, TINTERNAL = -40°C 10 12 14 mΩ RPRI_AMB VSEC_DC = 14V, IPRI_OUT_DC = 53.3A 12 16 20 RPRI_HOT VSEC_DC = 14V, IPRI_OUT_DC = 53.3A, TINTERNAL = 100°C 16 19 22 Primary Output Voltage Ripple VPRI_OUT_PP CPRI_OUT_EXT = 0µF, IPRI_OUT_DC = 53.3A, VSEC_DC = 14V, 20MHz BW 330 mV TINTERNAL ≤ 100ºC 615 Electrical Specifications (Cont.) Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL ≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted. |
Similar Part No. - NBM6123T46C15A6M01 |
|
Similar Description - NBM6123T46C15A6M01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |