Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBM3814V60E15A7T08 Datasheet(PDF) 6 Page - Vicor Corporation

Part # NBM3814V60E15A7T08
Description  Non-Isolated, Fixed-Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM3814V60E15A7T08 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button NBM3814V60E15A7T08 Datasheet HTML 2Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 3Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 4Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 5Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 6Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 7Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 8Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 9Page - Vicor Corporation NBM3814V60E15A7T08 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NBMin a VIA Package
Rev 1.1
vicorpower.com
Page 6 of 23
05/2016
800 927.9474
NBM3814x60E12A7yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain High Voltage Side to Low Voltage Side Specification (Forward Direction) Cont.
Effective HI Side Capacitance
(Internal)
CHI_INT
Effective Value at 54VHI_DC
16.80
µF
Effective LO Side Capacitance
(Internal)
CLO_INT
Effective Value at 10.8VLO_DC
140
µF
Effective LO Side Output Capacitance
(External)
CLO_OUT_EXT
Excessive capacitance may drive module into SC
protection
3000
µF
Effective LO Side Output Capacitance
(External)
CLO_OUT_AEXT
CLO_OUT_AEXT Max = N * 0.5 * CLO_OUT_EXT MAX, where
N = the number of units in parallel
Protection High Voltage Side to Low Voltage Side (Forward Direction)
Auto Restart Time
tAUTO_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VHI_DC > VHI_UVLO+
940
1010
ms
HI Side Overvoltage Lockout
Threshold
VHI_OVLO+
63
66
69
V
Hi Side Overvoltage Recovery
Threshold
VHI_OVLO-
60
63
66
V
HI Side Overvoltage Lockout
Hysteresis
VHI_OVLO_HYST
3
V
HI Side Overvoltage Lockout
Response Time
tHI_OVLO
30
µs
HI Side Undervoltage Lockout
Threshold
VHI_UVLO-
28
30
32
V
HI Side Undervoltage Recovery
Threshold
VHI_UVLO+
32
34
36
V
HI Side Undervoltage Lockout
Hysteresis
VHI_UVLO_HYST
4
V
HI Side Undervoltage Lockout
Response Time
tHI_UVLO
100
µs
HI Side Undervoltage Startup Delay
tHI_UVLO+_DELAY
From VHI_DC = VHI_UVLO+ to powertrain active,
(i.e One time Startup delay form application of
VHI_DC to VLO_DC)
30
ms
HI Side Soft-Start Time
tHI_SOFT-START
From powertrain active. Fast Current limit protection
disabled during Soft-Start
1
ms
LO Side Output Overcurrent Trip
Threshold
ILO_OUT_OCP
201
220
250
A
LO Side Output Overcurrent
Response Time Constant
tLO_OUT_OCP
Effective internal RC filter
4
ms
LO Side Output Short Circuit
Protection Trip Threshold
ILO_OUT_SCP
250
A
LO Side Output Short Circuit
Protection Response Time
tLO_OUT_SCP
1
µs
Overtemperature Shutdown
Threshold
tOTP+
Temperature sensor located inside controller IC
125
°C
Overtemperature Recovery
Threshold
tOTP–
105
110
115
°C
Undertemperature Shutdown
Threshold
tUTP
Temperature sensor located inside controller IC;
Protection not available for M-Grade units.
-45
°C
Undertemperature Restart Time
tUTP_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VHI_DC > VHI_UVLO+
3
s


Similar Part No. - NBM3814V60E15A7T08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814V60E15A7T08 VICOR-NBM3814V60E15A7T08 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - NBM3814V60E15A7T08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com