Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBM6123S46C15A6TOP Datasheet(PDF) 7 Page - Vicor Corporation

Part # NBM6123S46C15A6TOP
Description  Non-Isolated, Fixed Ratio DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM6123S46C15A6TOP Datasheet(HTML) 7 Page - Vicor Corporation

Back Button NBM6123S46C15A6TOP Datasheet HTML 3Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 4Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 5Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 6Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 7Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 8Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 9Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 10Page - Vicor Corporation NBM6123S46C15A6TOP Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NBMBus Converter
Rev 1.3
vicorpower.com
Page 7 of 26
09/2016
800 927.9474
NBM6123x46C15A6yzz
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain SECONDARY to PRIMARY Specification (Reverse Direction)
Secondary Input Voltage range,
continuous
VSEC_DC
12
15.3
V
SEC to PRI No Load Power
Dissipation
PSEC_NL
VSEC_DC = 14V, TINTERNAL = 25ºC
12.5
20
W
VSEC_DC = 14V
5
29
VSEC_DC = 12V to 15.3V, TINTERNAL = 25ºC
22
VSEC_DC = 12V to 15.3V
31
DC Secondary Input Current
ISEC_IN_DC
At IPRI_DC = 53.3A, TINTERNAL ≤ 100ºC
162
A
Primary Output Current (continuous)
IPRI_OUT_DC
53.3
A
Primary Output Current (pulsed)
IPRI_OUT_PULSE
10ms pulse, 25% Duty cycle,
IPRI_OUT_AVG ≤ 50% rated IPRI_OUT_DC
58.7
A
SEC to PRI Efficiency (ambient)
h
AMB
VSEC_DC = 14V, IPRI_OUT_DC = 53.3A
97
98
%
VSEC_DC = 12V to 15.3V, IPRI_OUT_DC= 53.3A
96.7
VSEC_DC = 14V, IPRI_OUT_DC = 26.7A
97.6
98.3
SEC to PRI Efficiency (hot)
h
HOT
VSEC_DC = 14V, IPRI_OUT_DC = 53.3A
96.6
97
%
SEC to PRI Efficiency
(over load range)
ηh
20%
10.66A < IPRI_OUT_DC < 53.3A
90
%
SEC to PRI Output Resistance
RPRI_COLD
VSEC_DC = 14V, IPRI_OUT_DC = 53.3A, TINTERNAL = -40°C
10
12
14
RPRI_AMB
VSEC_DC = 14V, IPRI_OUT_DC = 53.3A
12
16
20
RPRI_HOT
VSEC_DC = 14V, IPRI_OUT_DC = 53.3A, TINTERNAL = 100°C
16
19
22
Primary Output Voltage Ripple
VPRI_OUT_PP
CPRI_OUT_EXT = 0µF, IPRI_OUT_DC = 53.3A,
VSEC_DC = 14V, 20MHz BW
330
mV
TINTERNAL ≤ 100ºC
615
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - NBM6123S46C15A6TOP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM6123S60E12A7M00 VICOR-NBM6123S60E12A7M00 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7M01 VICOR-NBM6123S60E12A7M01 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7MOP VICOR-NBM6123S60E12A7MOP Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7MOR VICOR-NBM6123S60E12A7MOR Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7T00 VICOR-NBM6123S60E12A7T00 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
More results

Similar Description - NBM6123S46C15A6TOP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com