Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-21LZ-01 Datasheet(PDF) 5 Page - Vicor Corporation

Part # QPI-21LZ-01
Description  Active EMI Input Module for 48 Vdc Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21LZ-01 Datasheet(HTML) 5 Page - Vicor Corporation

  QPI-21LZ-01 Datasheet HTML 1Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 2Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 3Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 4Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 5Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 6Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 7Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 8Page - Vicor Corporation QPI-21LZ-01 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
There are two basic topologies for the connection of the re-
circulating “Y” capacitors, referred to as “open-frame” and “base-
plate”. Figure 4 illustrates how a converters total conducted noise
profile can vary with one topology versus another. The EMI
generated by the “base-plate” configuration is much greater than that
generated by the “open-frame” in this example. Selecting the right
topology will greatly reduce the amount of EMI signal that needs to
be filtered.
Figure 2 shows the base-plate topology of re-circulating “Y”
capacitors. Here, CY1 to CY4 are connected to each power node of
the dc-dc converter, and then are connected together on a copper
shield plane created under the converter. The addition of the copper
shield plane helps in the containment of the radiated EMI,
converting it back to conducted EMI and shunting it back to
its source.
In Figure 5, the open-frame topology is shown where the “Y”
capacitors (CY1 and CY2) re-circulate the EMI signals between the
positive input and output, and the negative input and output nodes
of the power conversion stage. Safety and system requirements may
dictate that some converters must have the output return (-) directly
connected to earth ground. This connection can impact performance
of some filter solutions, where the QPI-21 works well in this
configuration.
Quiet-Power®
Rev 1.5
vicorpower.com
Page 5 of 15
08/2015
800 927.9474
QPI-21
Figure 4 — An unfiltered converter’s response to “open-frame”
(light blue) and “base-plate” (purple) EMI configurations
CY1
CY2
Shield
BUS+
QPI+
BUS-
QPI-
IN+
IN-
OUT+
OUT-
BUS+
BUS-
Chassis/Shield
CB1
CIN
LOAD
+
+
PC
PR
SENSE+
SC
SENSE-
XY+
XY-
Optional Chassis Connection
Figure 5 — Typical “open-frame" application with an optional connection of the chassis to OUT- of the converter


Similar Part No. - QPI-21LZ-01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
   14A Active EMI Filter SIP for 48 Vdc Bus
More results

Similar Description - QPI-21LZ-01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
   14A Active EMI Filter SIP for 48 Vdc Bus
QPI-6 VICOR-QPI-6 Datasheet
1Mb / 13P
   14 A Active EMI Filter SIP for 48 Vdc Bus
QPI-4L VICOR-QPI-4L Datasheet
143Kb / 8P
   7 Amp Active EMI Filter for 48 V DC Bus
logo
Emerson Network Power
NTQ123-DC EMERSON-NETWORKPOWER-NTQ123-DC Datasheet
141Kb / 3P
   -48 VDC input
logo
Bel Fuse Inc.
0RCY-D4T123 BEL-0RCY-D4T123 Datasheet
805Kb / 12P
   48 VDC Input
logo
Vicor Corporation
QPI-1L VICOR-QPI-1L Datasheet
238Kb / 8P
   12 Amp Active EMI Filter for 48V DC Bus
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
   7 Amp Active EMI Filter for 24V DC Bus
QPI-5L VICOR-QPI-5L Datasheet
128Kb / 8P
   14 Amp Active EMI Filter for 24V DC Bus
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
   14 Amp Active EMI Filter for 48V DC Bus
QPI-2L VICOR-QPI-2L Datasheet
206Kb / 8P
   12 Amp Active EMI Filter for 24V DC Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com