Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV256-25 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT28BV256-25
Description  256K (32K x 8) Battery-Voltage Parallel EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV256-25 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT28BV256-25 Datasheet HTML 3Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 4Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 5Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 6Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 7Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 8Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 9Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 10Page - ATMEL Corporation AT28BV256-25 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
0273J–PEEPR–10/06
AT28BV256
10. AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on tACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
9.
AC Read Characteristics
Symbol
Parameter
AT28BV256-20
Units
Min
Max
tACC
Address to Output Delay
200
ns
t
CE
(1)
CE to Output Delay
200
ns
tOE
(2)
OE to Output Delay
0
80
ns
tDF
(3)(4)
CE or OE to Output Float
0
55
ns
t
OH
Output Hold from OE, CE or Address, whichever occurred first
0
ns
tCE
tOE
tDF
tOH
tACC


Similar Part No. - AT28BV256-25

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256-20JI ATMEL-AT28BV256-20JI Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JU ATMEL-AT28BV256-20JU Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JU ATMEL-AT28BV256-20JU Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20PI ATMEL-AT28BV256-20PI Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20PU ATMEL-AT28BV256-20PU Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
More results

Similar Description - AT28BV256-25

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28HC256 ATMEL-AT28HC256 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
   256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com