Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3610C Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC3610C
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610C Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC3610C Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
ABSOLUTE MAXIMUM RATING
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
0.5 ~ 7.0
V
Input or Output Voltage
VIN, VOUT
-0.5 ~ VDD+0.5
V
Storage Temperature
TSTG
-40 ~ +125
°C
ESD Protection
-2 ~ + 2
kV
ELECTRICAL CHARACTERISTICS (VDD =3V, Temp =25°C , unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
IDD1
frequency mode
--
1.8
3.6
mA
VDD Supply Current Consumption
IDD2
clock mode
--
55
110
µA
Internal LCD Reference Voltage
VLCD
respect to VDD
2
2.25
2.5
V
LCD Drive Current consumption
ILCD
all segments on
--
--
5
µA
LCD Frame Frequency
FLCD
--
32
--
Hz
Oscillator Frequency
FOSC
--
32.768
--
kHz
FM Input Frequency
FFM
VIN =0.3 VPP
11.0
--
150
MHz
AM Input Frequency
FAM
VIN =0.3 VPP
0.5
--
30
MHz
FM Input impedance
RIN(FM) FFM =120MHz
--
150
--
AM Input impedance
RIN(AM) FAM =12MHz
--
2.0
--
k
Open Drain Low Level Voltage
VOLoc VDD=3V, Isink =10mA
--
--
0.5
V
Low Level Input Voltage
VIL
--
--
0.3VDD
V
High Level Input Voltage
VIH
0.7VDD
--
--
V
Low Level Output Voltage,
VOL
VDD=3V, Isink=4mA
--
--
0.4
V
High Level Output Voltage
VOH
VDD=3V, ISOURCE=-4mA
VDD-0.5
--
--
V
Schmitt Trigger Positive Threshold
Vt+
VDD=3V
--
2.3
2.4
V
Schmitt Trigger Negative Threshold
Vt-
VDD=3V
0.6
0.9
--
V
Schmitt Trigger Input Resistance
RIN+/-
pull-up or pull-down
--
75
--
k
Reset Pin pull-up Resistance
RIN-UP
--
750
--
k


Similar Part No. - SC3610C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610C FUMAN-SC3610C Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
More results

Similar Description - SC3610C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610 FUMAN-SC3610 Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
Integrated Device Techn...
ICS97U870AKIT IDT-ICS97U870AKIT Datasheet
198Kb / 13P
   1.8V Wide Range Frequency Clock Driver
97U877AHLF IDT-97U877AHLF Datasheet
646Kb / 13P
   1.8V Wide Range Frequency Clock Driver
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
   1.8V Wide Range Frequency Clock Driver
ICS97U877 ICST-ICS97U877 Datasheet
129Kb / 13P
   1.8V Wide Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com