Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC4108-F64x64 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XMC4108-F64x64
Description  Microcontroller Series for Industrial Applications
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4108-F64x64 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XMC4108-F64x64 Datasheet HTML 5Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 6Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 7Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 8Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 9Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 10Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 11Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 12Page - Infineon Technologies AG XMC4108-F64x64 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Summary of Features
Data Sheet
9
V1.3, 2015-10
1
Summary of Features
The XMC4[12]00 devices are members of the XMC4000 Family of microcontrollers
based on the ARM Cortex-M4 processor core. The XMC4000 is a family of high
performance and energy efficient microcontrollers optimized for Industrial Connectivity,
Industrial Control, Power Conversion, Sense & Control.
Figure 1
System Block Diagram
CPU Subsystem
•CPU Core
– High Performance 32-bit ARM Cortex-M4 CPU
– 16-bit and 32-bit Thumb2 instruction set
– DSP/MAC instructions
– System timer (SysTick) for Operating System support
Floating Point Unit
Memory Protection Unit
Nested Vectored Interrupt Controller
One General Purpose DMA with up-to 8 channels
Event Request Unit (ERU) for programmable processing of external and internal
service requests
Flexible CRC Engine (FCE) for multiple bit error detection
PMU
ROM & Flash
Bus Matrix
CPU
ARM
® Cortex
TM-M4
DSRAM1
PSRAM
FCE
GPDMA0
USB
Device
DCode
System
ICode
Peripherals 0
Peripherals 1
PBA0
Data
Code
WDT
RTC
ERU0
SCU
ERU1
VADC
POSIF0
CCU40
CCU41
USIC0
CCU80
LEDTS0
PORTS
DAC
USIC1
CAN
System
Masters
System
Slaves
PBA1
HRPWM
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4108-F64x64

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4108-F64X64 INFINEON-XMC4108-F64X64 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
More results

Similar Description - XMC4108-F64x64

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com