Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D6DA2G140K2A7-Q Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # D6DA2G140K2A7-Q
Description  FBAR/SAW Devices (SAW Duplexers)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

D6DA2G140K2A7-Q Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  D6DA2G140K2A7-Q Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc D6DA2G140K2A7-Q Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
FBAR/SAW Devices (SAW Duplexers)
D6DA2G140K2A7
Features
Item Summary
SAW, Duplexer, 1.8x1.4x0.5mm
Band 1 / BC 6
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 3000 , 15000pcs
Products characteristics table
System
W-CDMA / CDMA / LTE
Type
SAW
Function
Duplexer
band
Band 1 / BC 6
Insertion Loss (typ)
1.6/1.7 dB
(Tx-ANT/ANT-Rx)
Isolation (typ)
58/59 dB
Operating Temp. Range
-20 to +85 ℃
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.8 + 0/- 0.20 mm
Dimension W
1.4 + 0/- 0.20 mm
Dimension T
Max 0.5 mm
2016.11.21
1 / 1


Similar Part No. - D6DA2G140K2A7-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
D6DA2G140K2A7 TAIYO-YUDEN-D6DA2G140K2A7 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2022.03.21
More results

Similar Description - D6DA2G140K2A7-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
D5DA876M5K2P6 TAIYO-YUDEN-D5DA876M5K2P6 Datasheet
748Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G132K2D9 TAIYO-YUDEN-D6DA2G132K2D9 Datasheet
632Kb / 11P
   FBAR/SAW Devices (SAW Duplexers)
D5DA942M5K2G6 TAIYO-YUDEN-D5DA942M5K2G6 Datasheet
247Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D5DA942M5K2S2 TAIYO-YUDEN-D5DA942M5K2S2 Datasheet
740Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
D6RB1G960E1HB TAIYO-YUDEN-D6RB1G960E1HB Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D5FC773M0K3NC TAIYO-YUDEN-D5FC773M0K3NC Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6DA1G503K2Y1 TAIYO-YUDEN-D6DA1G503K2Y1 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D5DA793M0K2K2 TAIYO-YUDEN-D5DA793M0K2K2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G155K2T2 TAIYO-YUDEN-D6DA2G155K2T2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6HQ2G655DP03 TAIYO-YUDEN-D6HQ2G655DP03 Datasheet
248Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D6RB2G140E1AL TAIYO-YUDEN-D6RB2G140E1AL Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com