Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC1100-Q040F0016 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XMC1100-Q040F0016
Description  Microcontroller Series for Industrial Applications
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC1100-Q040F0016 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XMC1100-Q040F0016 Datasheet HTML 4Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 5Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 6Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 7Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 8Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 9Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 10Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 11Page - Infineon Technologies AG XMC1100-Q040F0016 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
XMC
1100 AB-Step
XMC
1000 Family
Summary of Features
Data Sheet
8
V1.7, 2016-08
– System timer (SysTick) for Operating System support
– Ultra low power consumption
Nested Vectored Interrupt Controller (NVIC)
Event Request Unit (ERU) for processing of external and internal service requests
On-Chip Memories
8 kbytes on-chip ROM
16 kbytes on-chip high-speed SRAM
up to 64 kbytes on-chip Flash program and data memory
On-Chip Peripherals
Two Universal Serial Interface Channels (USIC), usable as UART, double-SPI,
quad-SPI, IIC, IIS and LIN interfaces
A/D Converters
– up to 12 analog input pins and channels
– 12-bit analog to digital converter
Capture/Compare Units 4 (CCU4) for use as general purpose timers
Window Watchdog Timer (WDT) for safety sensitive applications
Real Time Clock module with alarm support (RTC)
System Control Unit (SCU) for system configuration and control
Pseudo random number generator (PRNG) for fast random data generation
Temperature Sensor (TSE)
Input/Output Lines With Individual Bit Controllability
Tri-stated in input mode
Push/pull or open drain output mode
Configurable pad hysteresis
Debug System
Access through the standard ARM serial wire debug (SWD) or the single pin debug
(SPD) interface
A breakpoint unit (BPU) supporting up to 4 hardware breakpoints
A watchpoint unit (DWT) supporting up to 2 watchpoints
1.1
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. The code “XMC1<DDD>-<Z><PPP><T><FFFF>” identifies:
<DDD> the derivatives function set
<Z> the package variant
– T: TSSOP
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC1100-Q040F0016

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1100 INFINEON-XMC1100 Datasheet
1Mb / 59P
   Microcontroller Series
V1.4 2014-05
More results

Similar Description - XMC1100-Q040F0016

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com