Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC1202-Q040X0032 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XMC1202-Q040X0032
Description  Microcontroller Series for Industrial Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC1202-Q040X0032 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XMC1202-Q040X0032 Datasheet HTML 5Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 6Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 7Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 8Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 9Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 10Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 11Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 12Page - Infineon Technologies AG XMC1202-Q040X0032 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
XMC
1200 AB-Step
XMC
1000 Family
Summary of Features
Data Sheet
9
V1.7, 2016-08
– System timer (SysTick) for Operating System support
– Ultra low power consumption
Nested Vectored Interrupt Controller (NVIC)
Event Request Unit (ERU) for processing of external and internal service requests
On-Chip Memories
8 kbytes on-chip ROM
16 kbytes on-chip high-speed SRAM
up to 200 kbytes on-chip Flash program and data memory
Communication Peripherals
Two Universal Serial Interface Channels (USIC), usable as UART, double-SPI,
quad-SPI, IIC, IIS and LIN interfaces
LED and Touch-Sense Controller (LEDTS) for Human-Machine interface
Analog Frontend Peripherals
A/D Converters
– up to 12 analog input pins
– 2 sample and hold stages with 8 analog input channels each
– fast 12-bit analog to digital converter with adjustable gain
Up to 8 channels of out of range comparators (ORC)
Up to 3 fast analog comparators (ACMP)
Temperature Sensor (TSE)
Industrial Control Peripherals
Capture/Compare Units 4 (CCU4) as general purpose timers
Brightness and Colour Control Unit (BCCU), for LED color and dimming application
System Control
Window Watchdog Timer (WDT) for safety sensitive applications
Real Time Clock module with alarm support (RTC)
System Control Unit (SCU) for system configuration and control
Pseudo random number generator (PRNG) for fast random data generation
Input/Output Lines
Programmable port driver control module (PORTS)
Individual bit addressability
Tri-stated in input mode
Push/pull or open drain output mode
Configurable pad hysteresis
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC1202-Q040X0032

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1202-Q040X0032 INFINEON-XMC1202-Q040X0032 Datasheet
1Mb / 65P
   Microcontroller Series
V1.4 2014-05
More results

Similar Description - XMC1202-Q040X0032

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com