Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC12I Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC12I
Description  LOW CAPACITANCE TVS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC12I Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC12I Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC12I Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC12I Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Part Number
Device
Marking
VRWM
(V)
VBR
(V)
IT
(mA)
VC
@1A
Vc
IR
μA
(Max)
C
(Pf)
(Typ.)
(Max)
(@A)
LC12I
SA
12
13.3
1
19
28.6
6
1
0.4
Characteristic Curves
Fig1.
8/20µ s Pulse Waveform
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8 s
td=20 s
t - Time ( s)
Fig3.
Power Derating Curve
0
25
50
75
100
125
150
110
100
40
30
20
10
0
90
80
70
60
50
Ambient Temperature –TA (ºC)
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%
Rev : 01.06.2014
2/3
www.leiditech.com
LC12I


Similar Part No. - LC12I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC12 MICROSEMI-LC12 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC12 MICROSEMI-LC12 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC12 MICROSEMI-LC12 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC12 NJSEMI-LC12 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC120 MICROSEMI-LC120 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - LC12I

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC3311DCW LEIDITECH-LC3311DCW Datasheet
193Kb / 3P
   LOW CAPACITANCE TVS DIODE
WS05DLC LEIDITECH-WS05DLC Datasheet
385Kb / 3P
   LOW CAPACITANCE TVS DIODE
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
   Low Capacitance TVS Diode
2009-07-07
logo
Shanghai Leiditech Elec...
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
   LOW CAPACITANCE TVS DIODE
LC03ILVB LEIDITECH-LC03ILVB Datasheet
816Kb / 6P
   LOW CAPACITANCE TVS DIODE
LC2511CCW LEIDITECH-LC2511CCW Datasheet
356Kb / 3P
   LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
   LOW CAPACITANCE TVS DIODE
logo
Diodes Incorporated
T5V0LCS5 DIODES-T5V0LCS5 Datasheet
359Kb / 4P
   LOW CAPACITANCE TVS DIODE
October 2021
logo
TECH PUBLIC Electronics...
TPESD0522P TECHPUBLIC-TPESD0522P Datasheet
1Mb / 4P
   Low Capacitance TVS Diode
logo
Torex Semiconductor
XBP1009-12 TOREX-XBP1009-12 Datasheet
174Kb / 5P
   Low Capacitance TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com