Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC1403-Q040X0064 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # XMC1403-Q040X0064
Description  Microcontroller Series for Industrial Applications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC1403-Q040X0064 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button XMC1403-Q040X0064 Datasheet HTML 6Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 7Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 8Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 9Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 10Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 11Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 12Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 13Page - Infineon Technologies AG XMC1403-Q040X0064 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
XMC
1400 AA-Step
XMC
1000 Family
Data Sheet
10
V1.2, 2016-08
1.1
Device Overview
The following table lists the available features per device type for the XMC1400 series.
Table 1
Features of XMC1400 Device Types
1)
Features
CPU frequency 48 MHz
Operating
temperature
(ambient)
-40 to
85 °C
-40 to 105 °C
Operating
voltage
1.8 V to 5.5 V
Flash options
(Kbytes)
64,
128
64,
128
32,
64,
128
200
32,
64,
128
200
32,
64,
128
200
64,
128
200
64,
128
200
64,
128
200
64,
128
200
64,
128
200
64,
128
200
64,
128
200
64,
128
200
SRAM (Kbytes) 16
16
16
16
16
16
16
16
16
16
16
16
16
MATH
--1
1
1
1
1
---
1
1
1
CCU4
2222
222222
222
CCU8
-
-
2
2
222-
-
-
222
POSIF
--1
1
2
2
2
---
2
2
2
BCCU
--1
1
1
1
1
---
1
1
1
USIC
(modules /
channels)
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
2/
2
LEDTS
3
3
--
------
3
3
3
MultiCAN+
(nodes /
MOs)
----
---2 /
32
2/
32
2/
32
2/
32
2/
32
2/
32
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC1403-Q040X0064

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1403-Q040 INFINEON-XMC1403-Q040 Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
More results

Similar Description - XMC1403-Q040X0064

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com