Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE164FN Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # XE164FN
Description  Real Time Signal Controller
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE164FN Datasheet(HTML) 4 Page - Infineon Technologies AG

  XE164FN_13 Datasheet HTML 1Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 2Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 3Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 4Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 5Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 6Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 7Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 8Page - Infineon Technologies AG XE164FN_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
XE164FN, XE164GN, XE164HN, XE164KN
XE166 Family / Value Line
Data Sheet
4
V1.4, 2013-02
Trademarks
C166™, TriCore™ and DAVE™ are trademarks of Infineon Technologies AG.
XE164xN Data Sheet
Revision History: V1.4 2013-02
Previous Versions:
V1.3, 2011-07
V1.2, 2010-04
V1.1, 2009-07
V1.0, 2009-03 Preliminary
Page
Subjects (major changes since last revision)
36
Added AB step marking.
87
Errata SWD_X.P002 implemented:
V
SWD tolerance boundaries for
5.5 V are changed.
89
Clarified “Coding of bit fields LEVxV” descriptions. Matched with Operating
Conditions: marked some coding values “out of valid operation range”.
90
Errata FLASH_X.P001 implemented: Test Condition for Flash parameter
N
ER corrected
We Listen to Your Comments
Is there any information in this document that you feel is wrong, unclear or missing?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com


Similar Part No. - XE164FN_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE164FN-16F80L INFINEON-XE164FN-16F80L Datasheet
1Mb / 126P
   16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
More results

Similar Description - XE164FN_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE161FU INFINEON-XE161FU Datasheet
2Mb / 106P
   Real Time Signal Controller
V1.2 2012-07
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
   Real Time Signal Controller
V2.1 2011-07
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
   16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE167 INFINEON-XE167 Datasheet
1Mb / 122P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, Aug. 2008
XE164FN INFINEON-XE164FN Datasheet
1Mb / 126P
   16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com