Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6QP2G355R2SE-Q Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # F6QP2G355R2SE-Q
Description  FBAR/SAW Devices (SAW Type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F6QP2G355R2SE-Q Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  F6QP2G355R2SE-Q Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc F6QP2G355R2SE-Q Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
FBAR/SAW Devices (SAW Type)
F6QP2G355R2SE
Features
Item Summary
SAW, Rx Type, 1.1x0.9x0.5mm
Band30
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 5000 , 15000pcs
Products characteristics table
System
W-CDMA / LTE
Type
SAW
Function
Rx Type
band
Band30
Insertion Loss (typ)
2.1 dB
Attenuation (typ)
50 dB
Operating Temp. Range
-20 to +85 ℃
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.1 ±0.10 mm
Dimension W
0.9 ±0.10 mm
Dimension T
Max 0.5 mm
2016.11.21
1 / 1


Similar Part No. - F6QP2G355R2SE-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6QP2G355R2SE TAIYO-YUDEN-F6QP2G355R2SE Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
More results

Similar Description - F6QP2G355R2SE-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6QA1G900M2WD TAIYO-YUDEN-F6QA1G900M2WD Datasheet
359Kb / 8P
   FBAR/SAW Devices (SAW Type)
F6QA2G635M2QH TAIYO-YUDEN-F6QA2G635M2QH Datasheet
528Kb / 8P
   FBAR/SAW Devices (SAW Type)
F6QG1G960P2KT TAIYO-YUDEN-F6QG1G960P2KT Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
FAR-F6KA-1G7475-D4CY TAIYO-YUDEN-FAR-F6KA-1G7475-D4CY Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G503M2QF TAIYO-YUDEN-F6QA1G503M2QF Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G581M2QZ TAIYO-YUDEN-F6QA1G581M2QZ Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G582H2JM TAIYO-YUDEN-F6QA1G582H2JM Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA2G655M2QH TAIYO-YUDEN-F6QA2G655M2QH Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F5QA876M5M2QP TAIYO-YUDEN-F5QA876M5M2QP Datasheet
465Kb / 7P
   FBAR/SAW Devices (SAW Type)
F6QA1G474H2JS TAIYO-YUDEN-F6QA1G474H2JS Datasheet
365Kb / 7P
   FBAR/SAW Devices (SAW Type)
F6HG2G441EG65 TAIYO-YUDEN-F6HG2G441EG65 Datasheet
519Kb / 9P
   FBAR/SAW Devices (FBAR Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com