Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6KJ2G605D4AB-Q Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # G6KJ2G605D4AB-Q
Description  FBAR/SAW Devices (SAW Dual Type)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

G6KJ2G605D4AB-Q Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  G6KJ2G605D4AB-Q Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc G6KJ2G605D4AB-Q Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
*Pb Free part
Customer Name
Standard Specifications
System
Band39/Band41(100MHz) Filter
DATE
Dec. 23, 2015
Part Number
G6KJ2G605D4AB
Version 2.3abA
Final
MSL1
Table 1-1. Electrical Specification
Item
Condition
Specifications
Unit
Remarks
(MHz)
Min.
Typ.
Max.
Insertion Loss
1880 ~ 1920
-
2.1
2.9
dB(*1)
Ripple
1880 ~ 1920
-
0.8
1.9
dB
VSWR
Ant
1880 ~ 1920
-
2.1
2.4
-
Rx
1880 ~ 1920
-
2.1
2.4
-
Ant
Input Power
1880 ~ 1920
15dBm, Ta=+50
oC, 5000h, CW
-
to
Absolute
attenuation
50 ~ 920
35
48
-
dB
Rx
1500 ~ 1680
30
40
-
dB
[Filter1]
1710 ~ 1780
30
40
-
dB
2400 ~ 2500
40
46
-
dB
2555 ~ 2655
30
37
-
dB
3760 ~ 3840
25
36
-
dB
4900 ~ 5900
20
28
-
dB
Insertion Loss
2555 ~ 2655
-
2.6
3.9
dB(*1)
-10
oC ~ +25oC
-
-
3.6
+25
oC ~ +85oC
Ripple
2555 ~ 2655
-
1.3
3.0
dB
VSWR
Tx/Rx
2555 ~ 2655
-
2.3
2.9
-
Tx/Rx
Ant
2555 ~ 2655
-
2.1
2.5
-
to
Input Power
2555 ~ 2655
26dBm, Ta=+50
oC, 5000h, CW
-
Ant
29dBm, Ta=+50
oC, 5000h,
TDD: 1/2Duty condition
-
[Filter2]
Absolute
attenuation
50 ~ 920
30
42
-
dB
920 ~ 1785
22
32
-
dB
1880 ~ 1920
25
33
-
dB
2400 ~ 2500
30
36
-
dB
4900 ~ 5900
20
36
-
dB
5110 ~ 5310
20
40
-
dB
Terminating Impedance
Rx port
50
Tx/Rx port
50
Ant port
50 // 3.3nH
Operating temperature
-10 to +85
°C
Maximum DC in all ports
-
-
3
VDC
Device only
DC impedance to ground
100
MΩ
Device only
Device size (L typ.x W typ.x H max.)
1.8 x 1.4 x 0.5
mm
(*1) Specification of insertion loss excludes loss that comes from the test board.


Similar Part No. - G6KJ2G605D4AB-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
G6KJ2G605D4AB TAIYO-YUDEN-G6KJ2G605D4AB Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Dual Type)
2022.03.21
More results

Similar Description - G6KJ2G605D4AB-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
G6QN2G605M2RM TAIYO-YUDEN-G6QN2G605M2RM Datasheet
244Kb / 2P
   FBAR/SAW Devices (SAW Dual Type)
G6QN2G017M2RF TAIYO-YUDEN-G6QN2G017M2RF Datasheet
244Kb / 2P
   FBAR/SAW Devices (SAW Dual Type)
F6QA1G900M2WD TAIYO-YUDEN-F6QA1G900M2WD Datasheet
359Kb / 8P
   FBAR/SAW Devices (SAW Type)
F6QA2G635M2QH TAIYO-YUDEN-F6QA2G635M2QH Datasheet
528Kb / 8P
   FBAR/SAW Devices (SAW Type)
F6QG1G960P2KT TAIYO-YUDEN-F6QG1G960P2KT Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
FAR-F6KA-1G7475-D4CY TAIYO-YUDEN-FAR-F6KA-1G7475-D4CY Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G503M2QF TAIYO-YUDEN-F6QA1G503M2QF Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G581M2QZ TAIYO-YUDEN-F6QA1G581M2QZ Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G582H2JM TAIYO-YUDEN-F6QA1G582H2JM Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA2G655M2QH TAIYO-YUDEN-F6QA2G655M2QH Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com