Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE162HM-72FxxL Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XE162HM-72FxxL
Description  Real Time Signal Controller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE162HM-72FxxL Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XE162HM-72FxxL Datasheet HTML 7Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 8Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 9Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 10Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 11Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 12Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 13Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 14Page - Infineon Technologies AG XE162HM-72FxxL Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
XE162FM, XE162HM
XE166 Family / Base Line
Summary of Features
Data Sheet
11
V2.1, 2011-07
1.2
Definition of Feature Variants
The XE162xM types are offered with several Flash memory sizes. Table 2 describes the
location of the available memory areas for each Flash memory size.
The XE162xM types are offered with different interface options. Table 4 lists the
available channels for each option.
Table 2
Flash Memory Allocation
Total Flash Size
Flash Area A
1)
1) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
Flash Area B
Flash Area C
576 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
C7’FFFF
H
CC’0000
H
CC’FFFF
H
384 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
C4’FFFF
H
CC’0000
H
CC’FFFF
H
192 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
C1’FFFF
H
CC’0000
H
CC’FFFF
H
Table 3
Flash Memory Module Allocation (in Kbytes)
Total Flash Size
Flash 0
1)
1) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
Flash 1Flash 2Flash 3
576 Kbytes
256
256
---
64
384 Kbytes
256
64
---
64
192 Kbytes
128
---
---
64
Table 4
Interface Channel Association
Total Number
Available Channels
7 ADC0 channels
CH0, CH2, CH4, CH8, CH10, CH13, CH15
2 ADC1 channels
CH0, CH4
2 CAN nodes
CAN0, CAN1
64 message objects
6 serial channels
U0C0, U0C1, U1C0, U1C1, U2C0, U2C1


Similar Part No. - XE162HM-72FxxL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE162HL INFINEON-XE162HL Datasheet
2Mb / 110P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE162HL-12FXL INFINEON-XE162HL-12FXL Datasheet
2Mb / 110P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE162HL-20FXL INFINEON-XE162HL-20FXL Datasheet
2Mb / 110P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE162HN INFINEON-XE162HN Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
XE162HN-16F80L INFINEON-XE162HN-16F80L Datasheet
1Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
More results

Similar Description - XE162HM-72FxxL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE161FU INFINEON-XE161FU Datasheet
2Mb / 106P
   Real Time Signal Controller
V1.2 2012-07
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
   16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE167 INFINEON-XE167 Datasheet
1Mb / 122P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, Aug. 2008
XE164FN INFINEON-XE164FN Datasheet
1Mb / 126P
   16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com