Selected language     English  ▼


CS61535A-IL1 Datasheet(PDF) 3 Page - Cirrus Logic

Part No. CS61535A-IL1
Description  T1/E1 LINE INTERFACE
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 3 page
background image
DIGITAL CHARACTERISTICS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Pins 1-4, 17, 18, 23-28
(Notes 7, 8, 9)
VIH
2.0
-
-
V
Low-Level Input Voltage
Pins 1-4, 17, 18, 23-28
(Notes 7, 8, 9)
VIL
--
0.8
V
High-Level Output Voltage
(IOUT = -40 µA)
Pins 6-8, 11, 12, 25
(Notes 7, 8, 10)
VOH
4.0
-
-
V
Low-Level Output Voltage
(IOUT = 1.6 mA)
Pins 6-8, 11, 12, 23, 25
(Notes 7, 8, 10)
VOL
--
0.4
V
Input Leakage Current (Except Pin 5)
-
-
±10
µA
Low-Level Input Voltage, Pin 5
VIL
--
0.2
V
High-Level Input Voltage, Pin 5
VIH
(RV+) - 0.2
-
-
V
Mid-Level Input Voltage, Pin 5
(Note 11)
VIM
2.3
-
2.7
V
Notes:
7. This specification guarantees TTL compatibility (VOH = 2.4V @ IOUT = -40
µA).
8. In Host Mode, pin 23 is an open drain output and pin 25 is a tristate output.
9. Pins 17 and 18 of the CS61535A are digital inputs in the Extended Hardware Mode.
10. Output drivers will drive CMOS logic levels into a CMOS load.
11. As an alternative to supplying a 2.3-to-2.7V input, this pin may be left floating.
ANALOG SPECIFICATIONS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Jitter Attenuator
Jitter Attenuation Curve Corner Frequency
(Note 12)
-
6
-
Hz
T1 Jitter Attenuation in Remote Loopback
(Note 13)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
10
100
10
500
10
1k
5
10k, 40k
0.3
3.0
20
35
40
40
6.0
30
35
50
50
-
-
-
-
-
dB
dB
dB
dB
dB
E1 Jitter Attenuation in Remote Loopback
(Note 14)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
1.5
100
1.5
400
1.5
1k
1.5
10k, 100k
0.2
3.0
20
30
35
35
6.0
32
43
50
50
-
-
-
-
-
dB
dB
dB
dB
dB
Attenuator Input Jitter Tolerance
(Note 15)
12
23
-
UI
Notes: 12. Not production tested. Parameters guaranteed by design and characterization.
13. Attenuation measured at the demodulator output of an HP3785B with input jitter equal to 3/4 of
measured jitter tolerance using a measurement bandwidth of 1 Hz (10<f<100Hz), 4Hz (100<f<1000
Hz) and 10 Hz (f> 1kHz) centered around the jitter frequency. With a 2
15-1 PRBS data pattern.
Crystal must meet specifcations in CXT6176/8192 datasheet.
14. Jitter measured at the demodulator output of an HP3785A using a measurement
bandwidth not to exceed 20 Hz centered around the jitter frequency. With a 2
15-1 PRBS data pattern.
Crystal must meet specifications in CXT6176/8192 datasheet.
15. Output jitter increases significantly when attenuator input jitter tolerance is exceeded.
CS61535A
DS40F2
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STLC3055WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
TS634DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PBL38661-2Subscriber Line Interface Circuit 1 2 3 4 5 MoreEricsson
HC5503CUnbalanced PBX/Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 Intersil Corporation
MH88422Line Interface Circuit Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
XRT75L00E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XE02042-Wire/4-Wire Telephone Line Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
XRT75L00DE3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER 1 2 3 4 5 MoreExar Corporation
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl