Selected language     English  ▼


CS61535A-IL1 Datasheet(PDF) 5 Page - Cirrus Logic

Part No. CS61535A-IL1
Description  T1/E1 LINE INTERFACE
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 5 page
background image
ANALOG SPECIFICATIONS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Driver Performance Monitor
MTIP/MRING Sensitivity:
Differential Voltage Required for Detection
-0.60
-
V
Receiver
RTIP/RRING Input Impedance
-
50k
-
Sensitivity Below DSX (0dB = 2.4V)
-13.6
-
-
dB
Data Decision Threshold
T1, DSX-1
(Note 24)
T1, DSX-1
(Note 25)
T1, FCC Part 68 and E1
(Note 26)
60
53
45
65
65
50
70
77
55
% of peak
% of peak
% of peak
Data Decision Threshold
T1
E1
-
-
65
50
-
-
% of peak
% of peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance
(Note 27)
10kHz - 100kHz
2kHz
10Hz and below
0.4
6.0
300
-
-
-
-
-
-
UI
UI
UI
Loss of Signal Threshold
(Note 28)
0.25
0.30
0.50
V
Notes: 24. For input amplitude of 1.2 Vpk to 4.14 Vpk.
25. For input amplitude of 0.5 Vpk to 1.2 Vpk and from 4.14 Vpk to RV+.
26. For input amplitude of 1.05 Vpk to 3.3 Vpk.
27. Jitter tolerance increases at lower frequencies. See Figure 11.
28. LOS goes high after 160 to 190 consecutive zeros are received. A zero is output on RPOS and
RNEG (or RDATA) for each bit period where the input signal amplitude remains below the data
decision threshold. The analog input squelch circuit operates when the input signal amplitude above
ground on the RTIP and RRING pins falls within the squelch range long enough for the internal
slicing threshold to decay within this range. Operation of the squelch causes zeros to be output on
RPOS and RNEG as long as the input amplitude remains below 0.25V. During receive LOS, pulses
greater than 0.25V in amplitude may be output on RPOS and RNEG. LOS returns low after the ones
density reaches 12.5% (based upon 175 bit periods starting with a one and containing
less than 100 consecutive zeros) as prescribed in ANSI T1.231-1993.
CS61535A
DS40F2
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STLC3055WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
TS634DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PBL38661-2Subscriber Line Interface Circuit 1 2 3 4 5 MoreEricsson
HC5503CUnbalanced PBX/Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 Intersil Corporation
MH88422Line Interface Circuit Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
XRT75L00E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XE02042-Wire/4-Wire Telephone Line Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
XRT75L00DE3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER 1 2 3 4 5 MoreExar Corporation
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl